Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32413 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP32413
Description  Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32413 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP32413 Datasheet HTML 1Page - Vishay Siliconix SIP32413 Datasheet HTML 2Page - Vishay Siliconix SIP32413 Datasheet HTML 3Page - Vishay Siliconix SIP32413 Datasheet HTML 4Page - Vishay Siliconix SIP32413 Datasheet HTML 5Page - Vishay Siliconix SIP32413 Datasheet HTML 6Page - Vishay Siliconix SIP32413 Datasheet HTML 7Page - Vishay Siliconix SIP32413 Datasheet HTML 8Page - Vishay Siliconix SIP32413 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vishay Siliconix
SiP32413, SiP32414
Document Number: 71437
S11-0366-Rev. A, 07-Mar-11
www.vishay.com
1
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
FEATURES
•
1.1 V to 5.5 V operation voltage range
•
62 m
Ω typical from 2 V to 5 V
•
Low RON down to 1.2 V
•
Slew rate controlled turn-on: 150 µs at 3.6 V
•
Fast shutdown load discharge for SiP32414
•
Low quiescent current
< 1 µA when disabled
6.7 µA at VIN = 1.2 V
•
Switch off reversed blocking
•
Compliant to RoHS directive 2002/95/EC
•
Halogen-free according to IEC 61249-2-21 definition
APPLICATIONS
•
Cellular phones
•
Portable media players
•
Digital camera
•GPS
•
Computers
•
Portable instruments and healthcare devices
DESCRIPTION
SiP32413 and SiP32414 are slew rate controlled load
switches that is designed for 1.1 V to 5.5 V operation.
The devices guarantee low switch on-resistance at 1.2 V
input. They feature a controlled soft-on slew rate of typical
150 µs that limits the inrush current for designs of capacitive
load or noise sensitive loads.
The devices feature a low voltage control logic interface (On/
Off interface) that can interface with low voltage digital
control without extra level shifting circuit. The SiP32414 also
integrates output discharge switches that enable fast
shutdown load discharge. When the switches are off, they
provide the reverse blocking to prevent high current flowing
into the power source.
Both the SiP32413 and SiP32414 are available in TDFN8
2 mm x 2mm package. Each switch in each device can
support over 2 A of continuous current.
TYPICAL APPLICATION CIRCUIT
Figure 1 - SiP32413, SiP32414 Typical Application Circuit
SiP32413, SiP32414
(for one switch)
IN
VOUT
OUT
VIN
GND
GND
GND
CNTRL
CNTRL
C
4.7 µF
IN
C
0.1 µF
OUT


Similar Part No. - SIP32413

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32413 VISHAY-SIP32413 Datasheet
406Kb / 13P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
19-Dec-11
SIP32413 VISHAY-SIP32413 Datasheet
436Kb / 14P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP32413DNP-T1-GE4 VISHAY-SIP32413DNP-T1-GE4 Datasheet
406Kb / 13P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
19-Dec-11
SIP32413DNP-T1-GE4 VISHAY-SIP32413DNP-T1-GE4 Datasheet
436Kb / 14P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP32413 VISHAY-SIP32413_12 Datasheet
406Kb / 13P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
19-Dec-11
More results

Similar Description - SIP32413

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4252A ANALOGICTECH-AAT4252A Datasheet
664Kb / 14P
Dual Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A Datasheet
552Kb / 14P
Dual Slew Rate Controlled Load Switch
logo
Vishay Siliconix
SIP32411 VISHAY-SIP32411 Datasheet
440Kb / 13P
2 A, 1.2 V, Slew Rate Controlled Load Switch
22-Aug-11
SIP32413 VISHAY-SIP32413_12 Datasheet
406Kb / 13P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
19-Dec-11
logo
SiGe Semiconductor, Inc...
AATIAN75 SIGE-AATIAN75 Datasheet
662Kb / 8P
Dual Slew Rate Controlled Load Switch
AATIAN76 SIGE-AATIAN76 Datasheet
325Kb / 8P
Dual Slew Rate Controlled Load Switch
logo
Global Mixed-mode Techn...
G5283 GMT-G5283 Datasheet
83Kb / 1P
Dual Slew Rate Controlled Load Switch
logo
Vishay Siliconix
SIP32411 VISHAY-SIP32411_V01 Datasheet
468Kb / 15P
2 A, 1.2 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP32413 VISHAY-SIP32413_V01 Datasheet
436Kb / 14P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP4282 VISHAY-SIP4282_V01 Datasheet
428Kb / 13P
1.2 A Slew Rate Controlled Load Switch
06-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com