Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32452 Datasheet (PDF) - Vishay Siliconix

SIP32452 Datasheet PDF - Vishay Siliconix
Part # SIP32452
Download  SIP32452 Download
File Size   1412.37 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1 V, 55 m Ohm Load Switch in MICRO FOOT

SIP32452 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP32452 Datasheet PDF - Vishay Siliconix

Part # SIP32452
Download  SIP32452 Click to download

File Size   1412.37 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1 V, 55 m Ohm Load Switch in MICRO FOOT

SIP32452 Datasheet (HTML) - Vishay Siliconix


SIP32452 Product details

DESCRIPTION
SiP32451, SiP32452 and SiP32453 are n-channel integrated high side load switches that operate from 0.9 V to 2.5 V input voltage range.
SiP32451, SiP32452 and SiP32453 have low input logic control threshold that can interface with low voltage control GPIO directly without extra level shift or driver. There is a pull down at this EN logic control pin.
Turn on time is fast, less than 25 µs typically for input voltage of 1.2 V or higher. SiP32451 and SiP32452 have fast turn off delay time of less than 1 µs while SiP32453 features a guaranteed turn off delay of greater than 30 µs, typically 90 µs.
SiP32451 features an output discharge for fast turn off. SiP32451, SiP32452 and SiP32453 are available in compact wafer level CSP package, WCSP4 0.8 mm x 0.8 mm with 0.4 mm pitch.

FEATURES
• Low input voltage, 0.9 V to 2.5 V
• Low RON, 55 m typical
• Fast turn on time
• Low logic control with hysteresis
• Reverse current blocking when disabled
• Integrated pull down at EN pin
• Output discharge (SiP32451)
• 4 bump WCSP 0.8 mm x 0.8 mm with 0.4 mm pitch package
• Material categorization: For definitions of

APPLICATIONS
• Battery operated devices
• Smart phones
• GPS and PMP
• Computer
• Medical and healthcare equipment
• Industrial and instrument
• Cellular phones and portable media players
• Game console




Similar Part No. - SIP32452

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIP32452 TFUNK-SIP32452 Datasheet
199Kb / 13P
0.9 V to 2.5 V, 55 m Load Switch in WCSP4
logo
Vishay Siliconix
SIP32452 VISHAY-SIP32452 Datasheet
200Kb / 12P
0.9 V to 2.5 V, 55 mΩ Load Switch in WCSP4
06-Jul-2020
SIP32452DB-T2-GE1 VISHAY-SIP32452DB-T2-GE1 Datasheet
200Kb / 12P
0.9 V to 2.5 V, 55 mΩ Load Switch in WCSP4
06-Jul-2020
SIP32452 VISHAY-SIP32452_V01 Datasheet
200Kb / 12P
0.9 V to 2.5 V, 55 mΩ Load Switch in WCSP4
06-Jul-2020
More results


Similar Description - SIP32452

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3003 VISHAY-DG3003 Datasheet
96Kb / 7P
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch
27-Oct-03
DG3001 VISHAY-DG3001_11 Datasheet
193Kb / 12P
Low-Voltage Sub-ohm SPST/SPDT MICRO FOOT Analog Switch
28-Feb-11
logo
Vishay Telefunken
SIP32451 TFUNK-SIP32451 Datasheet
199Kb / 13P
0.9 V to 2.5 V, 55 m Load Switch in WCSP4
logo
Texas Instruments
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22916 TI1-TPS22916 Datasheet
330Kb / 21P
1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI1-TPS22916_17 Datasheet
1Mb / 29P
1-V ??5.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917 Datasheet
203Kb / 14P
1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917_18 Datasheet
1Mb / 27P
1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
logo
Vishay Siliconix
SIP32452 VISHAY-SIP32452_V01 Datasheet
200Kb / 12P
0.9 V to 2.5 V, 55 mΩ Load Switch in WCSP4
06-Jul-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com