Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG3003 Datasheet (PDF) - Vishay Siliconix

DG3003 Datasheet PDF - Vishay Siliconix
Part # DG3003
Download  DG3003 Download
File Size   96.72 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch

DG3003 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG3003 Datasheet PDF - Vishay Siliconix

Part # DG3003
Download  DG3003 Click to download

File Size   96.72 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch

DG3003 Datasheet (HTML) - Vishay Siliconix


DG3003 Product details

DESCRIPTION

The DG3001, DG3002, DG3003 are monolithic CMOS analog switches designed for high performance switching of analog signals. The DG3001 and DG3002 are configured as SPST switches, and the DG3003 is an SPDT switch. Combining low power, high speed (tON: 47 ns, tOFF: 40 ns), low on-resistance (rDS(on): 0.4  ) and small physical size (MICRO FOOT, 6-bump), the DG3001, DG3002, DG3003 are ideal for portable and battery powered applications requiring high performance and efficient use of board space. The DG3001, DG3002, DG3003 are built on Vishay Siliconix’s low voltage JI2 process. An epitaxial layer

prevents latchup.



FEATURES

• MICRO FOOT chip scale package (1.0 mm x 1.5 mm)

• Low voltage operation (1.8 V to 5.5 V)

• Low on-resistance - RDS(on): 0.4 

• Fast switching - tON : 47 ns, tOFF: 40 ns

• Low power consumption

• TTL/CMOS compatible



BENEFITS

• Reduced power consumption

• Simple logic interface

• High accuracy

• Reduce board space



APPLICATIONS

• Cellular phones

• Communication systems

• Portable test equipment

• Battery operated systems

• PCM cards

• PDA




Similar Part No. - DG3003

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3003 VISHAY-DG3003 Datasheet
123Kb / 9P
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT® Analog Switch
30-Apr-07
DG3003 VISHAY-DG3003 Datasheet
193Kb / 12P
Low-Voltage Sub-ohm SPST/SPDT MICRO FOOT Analog Switch
28-Feb-11
DG3003 VISHAY-DG3003 Datasheet
257Kb / 13P
Low-Voltage Sub-Ω SPST/SPDT MICRO FOOT® Analog Switch
28-Feb-11
DG3003DB-T1 VISHAY-DG3003DB-T1 Datasheet
123Kb / 9P
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT® Analog Switch
30-Apr-07
DG3003DB-T1 VISHAY-DG3003DB-T1 Datasheet
193Kb / 12P
Low-Voltage Sub-ohm SPST/SPDT MICRO FOOT Analog Switch
28-Feb-11
More results


Similar Description - DG3003

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3000 VISHAY-DG3000 Datasheet
72Kb / 9P
Low-Voltage Single SPDT MICRO FOOT Analog Switch
26-Aug-02
DG2711 VISHAY-DG2711 Datasheet
127Kb / 8P
Low-Voltage, Sub-Ohm, SPDT Analog Switch
15-Nov-04
DG2711 VISHAY-DG2711_08 Datasheet
110Kb / 8P
Low-Voltage, Sub-Ohm, SPDT Analog Switch
30-Apr-07
DG3000 VISHAY-DG3000_08 Datasheet
130Kb / 10P
Low-Voltage Single SPDT MICRO FOOT®Analog Switch
30-Apr-07
DG3001 VISHAY-DG3001 Datasheet
123Kb / 9P
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT® Analog Switch
30-Apr-07
DG2711 VISHAY-DG2711_10 Datasheet
102Kb / 9P
Low-Voltage, Sub-Ohm, SPDT Analog Switch
25-Oct-10
DG3001 VISHAY-DG3001_11 Datasheet
193Kb / 12P
Low-Voltage Sub-ohm SPST/SPDT MICRO FOOT Analog Switch
28-Feb-11
logo
Pericom Semiconductor C...
PI5A3166 PERICOM-PI5A3166 Datasheet
349Kb / 9P
Low Voltage SPST 0.8(ohm) Analog Switch
logo
Vishay Siliconix
DG2711 VISHAY-DG2711_V01 Datasheet
105Kb / 9P
Low-Voltage, Sub-Ohm, SPDT Analog Switch
25-Oct-10
DG3001 VISHAY-DG3001_V01 Datasheet
257Kb / 13P
Low-Voltage Sub-Ω SPST/SPDT MICRO FOOT® Analog Switch
28-Feb-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com