Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG3003 Datasheet (PDF) - Vishay Siliconix

DG3003 Datasheet PDF - Vishay Siliconix
Part # DG3003
Download  DG3003 Download
File Size   257.29 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage Sub-Ω SPST/SPDT MICRO FOOT® Analog Switch

DG3003 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG3003 Datasheet PDF - Vishay Siliconix

Part # DG3003
Download  DG3003 Click to download

File Size   257.29 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage Sub-Ω SPST/SPDT MICRO FOOT® Analog Switch

DG3003 Datasheet (HTML) - Vishay Siliconix


DG3003 Product details

FEATURES
• MICRO FOOT chip scale package
(1 mm x 1.5 mm)
• Low voltage operation (1.8 V to 5.5 V)
• Low on-resistance - RDS(on): 0.4 Ω
• Fast switching - tON : 47 ns, tOFF: 40 ns
• Low power consumption
• TTL/CMOS compatible

BENEFITS
• Reduced power consumption
• Simple logic interface
• High accuracy
• Reduce board space

APPLICATIONS
• Cellular phones
• Communication systems
• Portable test equipment
• Battery operated systems
• PCM cards
• PDA

DESCRIPTION
The DG3001, DG3002, DG3003 are monolithic CMOS
analog switches designed for high performance switching of
analog signals. The DG3001 and DG3002 are configured as
SPST switches, and the DG3003 is an SPDT switch.
Combining low power, high speed (tON: 47 ns, tOFF: 40 ns),
low on-resistance (RDS(on): 0.4 Ω ) and small physical size
(MICRO FOOT, 6-bump), the DG3001, DG3002, DG3003
are ideal for portable and battery powered applications
requiring high performance and efficient use of board space.
The DG3001, DG3002, DG3003 are built on Vishay
Siliconix’s low voltage JI2 process. An epitaxial layer
prevents latchup.
Each switch conducts equally well in both directions when
on, and blocks up to the power supply level when off.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product
with the lead (Pb)-free device terminations. For MICRO
FOOT analog switching products manufactured with
tin/silver/copper (Sn/Ag/Cu) device terminations, the
lead (Pb)-free “-E1” suffix is being used as a designator.




Similar Part No. - DG3003

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3003 VISHAY-DG3003 Datasheet
96Kb / 7P
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch
27-Oct-03
DG3003 VISHAY-DG3003 Datasheet
123Kb / 9P
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT® Analog Switch
30-Apr-07
DG3003 VISHAY-DG3003 Datasheet
193Kb / 12P
Low-Voltage Sub-ohm SPST/SPDT MICRO FOOT Analog Switch
28-Feb-11
DG3003DB VISHAY-DG3003DB Datasheet
96Kb / 7P
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch
27-Oct-03
DG3003DB-T1 VISHAY-DG3003DB-T1 Datasheet
123Kb / 9P
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT® Analog Switch
30-Apr-07
More results


Similar Description - DG3003

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3003 VISHAY-DG3003 Datasheet
96Kb / 7P
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch
27-Oct-03
DG3000 VISHAY-DG3000 Datasheet
72Kb / 9P
Low-Voltage Single SPDT MICRO FOOT Analog Switch
26-Aug-02
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
0.4-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2717 VISHAY-DG2717 Datasheet
124Kb / 8P
Low-Voltage, 0.45-Ω, SPDT Analog Switch
30-Apr-07
DG2737 VISHAY-DG2737 Datasheet
154Kb / 8P
6-Ω, Low Voltage, Dual SPST Analog Switch
03-Nov-08
DG2747 VISHAY-DG2747 Datasheet
153Kb / 8P
0.4-Ω, Low Voltage, Dual SPST Analog Switch
21-Apr-08
DG3000 VISHAY-DG3000_08 Datasheet
130Kb / 10P
Low-Voltage Single SPDT MICRO FOOT®Analog Switch
30-Apr-07
DG3001 VISHAY-DG3001 Datasheet
123Kb / 9P
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT® Analog Switch
30-Apr-07
DG3001 VISHAY-DG3001_11 Datasheet
193Kb / 12P
Low-Voltage Sub-ohm SPST/SPDT MICRO FOOT Analog Switch
28-Feb-11
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
Low-Voltage, 1-Ω, Dual SPDT Analog Switch
21-Jun-04
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com