Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG3003 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG3003
Description  Low-Voltage Sub-Ω SPST/SPDT MICRO FOOT® Analog Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3003 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG3003 Datasheet HTML 2Page - Vishay Siliconix DG3003 Datasheet HTML 3Page - Vishay Siliconix DG3003 Datasheet HTML 4Page - Vishay Siliconix DG3003 Datasheet HTML 5Page - Vishay Siliconix DG3003 Datasheet HTML 6Page - Vishay Siliconix DG3003 Datasheet HTML 7Page - Vishay Siliconix DG3003 Datasheet HTML 8Page - Vishay Siliconix DG3003 Datasheet HTML 9Page - Vishay Siliconix DG3003 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.vishay.com
6
Document Number: 72505
S11-0303-Rev. D, 28-Feb-11
Vishay Siliconix
DG3001, DG3002, DG3003
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Product is End of Life
TEST CIRCUITS
Figure 1. Switching Time
Switch
Input
CL (includes fixture and stray capacitance)
V+
IN
NO or NC
CL
35 pF
COM
Logic
Input
RL
300
Ω
VOUT
GND
V+
50 %
0 V
Logic
Input
Switch
Output
tON
tOFF
Logic "1" = Switch On
Logic input waveforms inverted for switches that have
the opposite logic sense.
Switch Output
V
OUT
= V
COM
R
L
R
L +RON
0.9 x VOUT
tr < 5 ns
tf < 5 ns
VINH
VINL
Figure 2. Break-Before-Make Interval
CL (includes fixture and stray capacitance)
NC
VNO
NO
VNC
0 V
Logic
Input
Switch
Output
VO
VNC = VNO
tr < 5 ns
tf < 5 ns
90 %
tD
tD
IN
COM
V+
GND
V+
CL
35 pF
VO
RL
300
Ω
VINH
VINL
Figure 3. Charge Injection
Off
On
On
IN
ΔVOUT
VOUT
Q =
ΔVOUT x CL
CL = 1 nF
COM
Rgen
VOUT
NC or NO
VIN = 0 – V+
IN
Vgen
GND
V+
V+
IN depends on switch configuration: input polarity
determined by sense of switch.
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com