Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG3003 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG3003
Description  Low-Voltage Sub-Ω SPST/SPDT MICRO FOOT® Analog Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3003 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG3003 Datasheet HTML 4Page - Vishay Siliconix DG3003 Datasheet HTML 5Page - Vishay Siliconix DG3003 Datasheet HTML 6Page - Vishay Siliconix DG3003 Datasheet HTML 7Page - Vishay Siliconix DG3003 Datasheet HTML 8Page - Vishay Siliconix DG3003 Datasheet HTML 9Page - Vishay Siliconix DG3003 Datasheet HTML 10Page - Vishay Siliconix DG3003 Datasheet HTML 11Page - Vishay Siliconix DG3003 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.vishay.com
8
Document Number: 72505
S11-0303-Rev. D, 28-Feb-11
Vishay Siliconix
DG3001, DG3002, DG3003
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Product is End of Life
PACKAGE OUTLINE
MICRO FOOT: 6-BUMP (3 x 2, 0.5 mm PITCH, 165 µm BUMP HEIGHT)
Notes (Unless Otherwise Specified):
a. Bump is Eutectic 63/57 Sn/Pb or Lead (Pb)-free Sn/Ag/Cu.
b. Non-solder mask defined copper landing pad.
c. Laser Mark on silicon die back; no coating. Shown is not actual marking; sample only.
Notes:
a. Use millimeters as the primary measurement.
Notes:
a. Use millimeters as the primary measurement.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?72505.
Index-Bump A1
Note c
Top Side (Die Back)
XXX
3003
Recommended Land Pattern
0.5
0.5
6 x Ø 0.150
∼ 0.229
Note b
Solder Mask Ø
∼ Pad Dia. + 0.1
Silicon
Bump
Note a
b Diameter
32
1
A
B
e
D
e
A
A2
A1
S
S
E
EUTECTIC (Sn/Pb)
Dim.
Millimetersa
Inches
Min.
Max.
Min.
Max.
A
0.610
0.685
0.0240
0.0270
A1
0.140
0.190
0.0055
0.0075
A2
0.470
0.495
0.0185
0.0195
b
0.180
0.250
0.0071
0.0098
D
1.490
1.515
0.0587
0.0596
E
0.990
1.015
0.0390
0.0400
e
0.5 BASIC
0.0197 BASIC
S
0.245
0.258
0.0096
0.0101
LEAD (Pb)-FREE (Sn/Ag/Cu)
Dim.
Millimetersa
Inches
Min.
Max.
Min.
Max.
A
0.688
0.753
0.0271
0.0296
A1
0.218
0.258
0.0086
0.0102
A2
0.470
0.495
0.0185
0.0195
b
0.306
0.346
0.0120
0.0136
D
1.490
1.515
0.0587
0.0596
E
0.990
1.015
0.0390
0.0400
e
0.5 BASIC
0.0197 BASIC
S
0.245
0.258
0.0096
0.0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com