Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG3003 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG3003
Description  Low-Voltage Sub-Ω SPST/SPDT MICRO FOOT® Analog Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3003 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG3003 Datasheet HTML 1Page - Vishay Siliconix DG3003 Datasheet HTML 2Page - Vishay Siliconix DG3003 Datasheet HTML 3Page - Vishay Siliconix DG3003 Datasheet HTML 4Page - Vishay Siliconix DG3003 Datasheet HTML 5Page - Vishay Siliconix DG3003 Datasheet HTML 6Page - Vishay Siliconix DG3003 Datasheet HTML 7Page - Vishay Siliconix DG3003 Datasheet HTML 8Page - Vishay Siliconix DG3003 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
4
Document Number: 72505
S11-0303-Rev. D, 28-Feb-11
Vishay Siliconix
DG3001, DG3002, DG3003
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Product is End of Life
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RON vs. VCOM and Supply Voltage
Supply Current vs. Temperature
Leakage Current vs. Temperature
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
012345
VCOM - Analog Voltage (V)
V+ = 1.8 V
V+ = 2 V
V+ = 5 V
T = 25 °C
IS = 10 mA
V+ = 2.7 V
V+ = 3 V
V+ = 3.3 V
- 60
- 40
- 20
0
20
40
60
80
100
10 000
1000
1
Temperature (°C)
10
V+ = 5 V
VIN = 0 V
100
- 60
- 40
- 20
0
20
40
60
80
100
10
1000
Temperature (°C)
V+ = 5 V
100
INO(off), INC(off)
ICOM(off)
ICOM(on)
RON vs. Analog Voltage and Temperature
Supply Current vs. Input Switching Frequency
Leakage vs. Analog Voltage
0.00
0.20
0.40
0.60
0.80
1.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VCOM - Analog Voltage (V)
85 °C
- 40 °C
25 °C
V+ = 3 V
IS = 10 mA
Input Switching Frequency (Hz)
10
10 K
100 K
10 M
100
1 K
1 M
100 mA
1 mA
100 µA
10 µA
1 µA
100 nA
1 nA
10 nA
10 mA
V+ = 5 V
012345
- 250
- 200
- 150
- 100
- 50
0
50
100
150
200
250
VCOM, VNO, VNC - Analog Voltage (V)
V+ = 5 V
INO(off), INC(off)
ICOM(off)
ICOM(on)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com