Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG3003 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG3003
Description  Low-Voltage Sub-Ω SPST/SPDT MICRO FOOT® Analog Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3003 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG3003 Datasheet HTML 1Page - Vishay Siliconix DG3003 Datasheet HTML 2Page - Vishay Siliconix DG3003 Datasheet HTML 3Page - Vishay Siliconix DG3003 Datasheet HTML 4Page - Vishay Siliconix DG3003 Datasheet HTML 5Page - Vishay Siliconix DG3003 Datasheet HTML 6Page - Vishay Siliconix DG3003 Datasheet HTML 7Page - Vishay Siliconix DG3003 Datasheet HTML 8Page - Vishay Siliconix DG3003 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
DG3001, DG3002, DG3003
Product is End of Life
Document Number: 72505
S11-0303-Rev. D, 28-Feb-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low-Voltage Sub-
Ω SPST/SPDT MICRO FOOT® Analog Switch
FEATURES
•
MICRO FOOT chip scale package
(1 mm x 1.5 mm)
•
Low voltage operation (1.8 V to 5.5 V)
•
Low on-resistance - RDS(on): 0.4 Ω
•
Fast switching - tON : 47 ns, tOFF: 40 ns
•
Low power consumption
•
TTL/CMOS compatible
BENEFITS
•
Reduced power consumption
•
Simple logic interface
•
High accuracy
•
Reduce board space
APPLICATIONS
•
Cellular phones
•
Communication systems
•
Portable test equipment
•
Battery operated systems
•
PCM cards
•PDA
DESCRIPTION
The DG3001, DG3002, DG3003 are monolithic CMOS
analog switches designed for high performance switching of
analog signals. The DG3001 and DG3002 are configured as
SPST switches, and the DG3003 is an SPDT switch.
Combining low power, high speed (tON: 47 ns, tOFF: 40 ns),
low on-resistance (RDS(on): 0.4 Ω ) and small physical size
(MICRO FOOT, 6-bump), the DG3001, DG3002, DG3003
are ideal for portable and battery powered applications
requiring high performance and efficient use of board space.
The DG3001, DG3002, DG3003 are built on Vishay
Siliconix’s low voltage JI2 process. An epitaxial layer
prevents latchup.
Each switch conducts equally well in both directions when
on, and blocks up to the power supply level when off.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product
with the lead (Pb)-free device terminations. For MICRO
FOOT
analog
switching
products
manufactured
with
tin/silver/copper
(Sn/Ag/Cu)
device
terminations,
the
lead
(Pb)-free “-E1” suffix is being used as a designator.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
* Pb containing terminations are not RoHS compliant, exemptions may apply
NO
(Source1)
COM
COM
B1
B2
B3
Top View
V+
IN
GND
A1
A2
A3
Device Marking: 3001
xxx = Date/Lot Traceability Code
A1 Locator
DG3001DB
MICRO FOOT (6-Bump)
NC
(Source1)
COM
COM
B1
B2
B3
Top View
V+
IN
GND
A1
A2
A3
Device Marking: 3002
xxx = Date/Lot Traceability Code
A1 Locator
DG3002DB
MICRO FOOT (6-Bump)
NO
(Source1)
COM
NC (Source2)
B1
B2
B3
Top View
V+
IN
GND
A1
A2
A3
Device Marking: 3003
xxx = Date/Lot Traceability Code
A1 Locator
DG3003DB
MICRO FOOT (6-Bump)
TRUTH TABLE
Logic
NC
NO
0
ON
OFF
1OFF
ON
Available
Available


Similar Part No. - DG3003

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3003 VISHAY-DG3003 Datasheet
96Kb / 7P
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch
27-Oct-03
DG3003 VISHAY-DG3003 Datasheet
123Kb / 9P
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT® Analog Switch
30-Apr-07
DG3003 VISHAY-DG3003 Datasheet
193Kb / 12P
Low-Voltage Sub-ohm SPST/SPDT MICRO FOOT Analog Switch
28-Feb-11
DG3003DB VISHAY-DG3003DB Datasheet
96Kb / 7P
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch
27-Oct-03
DG3003DB-T1 VISHAY-DG3003DB-T1 Datasheet
123Kb / 9P
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT® Analog Switch
30-Apr-07
More results

Similar Description - DG3003

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3003 VISHAY-DG3003 Datasheet
96Kb / 7P
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch
27-Oct-03
DG3000 VISHAY-DG3000 Datasheet
72Kb / 9P
Low-Voltage Single SPDT MICRO FOOT Analog Switch
26-Aug-02
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
0.4-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2717 VISHAY-DG2717 Datasheet
124Kb / 8P
Low-Voltage, 0.45-Ω, SPDT Analog Switch
30-Apr-07
DG2737 VISHAY-DG2737 Datasheet
154Kb / 8P
6-Ω, Low Voltage, Dual SPST Analog Switch
03-Nov-08
DG2747 VISHAY-DG2747 Datasheet
153Kb / 8P
0.4-Ω, Low Voltage, Dual SPST Analog Switch
21-Apr-08
DG3000 VISHAY-DG3000_08 Datasheet
130Kb / 10P
Low-Voltage Single SPDT MICRO FOOT®Analog Switch
30-Apr-07
DG3001 VISHAY-DG3001 Datasheet
123Kb / 9P
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT® Analog Switch
30-Apr-07
DG3001 VISHAY-DG3001_11 Datasheet
193Kb / 12P
Low-Voltage Sub-ohm SPST/SPDT MICRO FOOT Analog Switch
28-Feb-11
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
Low-Voltage, 1-Ω, Dual SPDT Analog Switch
21-Jun-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com