Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG3003 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG3003
Description  Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3003 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG3003 Datasheet HTML 1Page - Vishay Siliconix DG3003 Datasheet HTML 2Page - Vishay Siliconix DG3003 Datasheet HTML 3Page - Vishay Siliconix DG3003 Datasheet HTML 4Page - Vishay Siliconix DG3003 Datasheet HTML 5Page - Vishay Siliconix DG3003 Datasheet HTML 6Page - Vishay Siliconix DG3003 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DG3001/3002/3003
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72505
S-32069—Rev. A, 27-Oct-03
ABSOLUTE MAXIMUM RATINGS
Reference to GND
V+
-0.3 to +6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IN, COM, NC, NOa
-0.3 to (V+ + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Current (NO, NC, COM)
"250 mA
. . . . . . . . . . . . . . . . . . . . . . . .
Peak Current
"400 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(Pulsed at 1 ms, 10% duty cycle)
Storage Temperature (D Suffix)
-65 to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package Reflow Conditionsb
VPR
215°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IR/Convection
220°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Packages)c
6-Bump, 2 x 3 MICRO FOOTd
250 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a
Signals on NC, NO, or COM or IN exceeding V+ will be clamped by
internal diodes. Limit forward diode current to maximum current ratings.
b
Refer to IPC/JEDEC (J-STD-020A)
c
All bumps soldered to PC Board.
d
Derate 3.1 mW/_C above 70_C
SPECIFICATIONS (V+ = 3.0 V)
Test Conditions
Otherwise Unless Specified
Limits
−40 to 85_C
Parameter
Symbol
V+ = 3 V, "10%, VIN = 0.4 or 2.0 Ve
Tempa
Minb
Typc
Maxb
Unit
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
On-Resistanced
rON
V+ = 2.7 V, VCOM = 1.5 V, INO, INC = 10 mA
Room
Full
0.4
0.7
0.8
rON Flatnessd
rON
Flatness
V+ = 2.7 V, VCOM = 0 to V+, INO, INC = 10 mA
Room
0.1
0.2
W
rON Matchd
DrON
V+ = 2.7 V, VCOM = 0 to V+, INO, INC = 10 mA
Room
0.01
0.05
Switch Off Leakage Currentf
INO(off),
INC(off)
V+ = 3.3 V
Room
Full
1
−10
1
10
Switch Off Leakage Currentf
ICOM(off)
V+ = 3.3 V
VNO, VNC = 0.3 V/3 V, VCOM = 3 V/0.3 V
Room
Full
1
−10
1
10
nA
Channel-On Leakage Currentf
ICOM(on)
V+ = 3.3 V, VNO, VNC = VCOM = 0.3 V/3 V
Room
Full
1
−10
1
10
Digital Control
Input High Voltage
VINH
Full
2
V
Input Low Voltage
VINL
Full
0.4
V
Input Capacitanced
Cin
Full
5
pF
Input Currentd
IINL or IINH
VIN = 0 or V+
Full
−1
1
mA
Dynamic Characteristics
Turn-On Timed
tON
V
or V
20 V R
300 W C
35 pF
Room
Full
47
71
Turn-Off Timed
tOFF
VNO or VNC = 2.0 V, RL = 300 W, CL = 35 pF
Figure 1 and 2
Room
Full
40
59
ns
Break-Before-Make Timed
td
Room
1
6
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 W, Figure 3
Room
64
pC
Off-Isolationd
OIRR
RL = 50 W CL = 5 pF f = 100 kHz
Room
−70
dB
Crosstalkd
XTALK
RL = 50 W, CL = 5 pF, f = 100 kHz
Room
−70
dB
NO, NC Off Capacitanced
CNO(off),
CNC(off)
VIN = 0 or V+, f = 1 MHz
Room
100
pF
Channel-On Capacitanced
CON
VIN = 0 or V+, f = 1 MHz
Room
340
pF
Power Supply
Power Supply Range
V+
2.7
3.3
V
Power Supply Currentd
I+
VIN = 0 or V+
0.1
1.0
mA
Notes:
a.
Room = 25°C, Full = as determined by the operating suffix.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c.
Typical values are for design aid only, not guaranteed nor subject to production testing.
d.
Guarantee by design, nor subjected to production test.
e.
VIN = input voltage to perform proper function.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com