Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1240 Datasheet (PDF) - E-SWITCH

TL1240 Datasheet PDF - E-SWITCH
Part # TL1240
Download  TL1240 Download
File Size   203.97 Kbytes
Page   2 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description TACT SWITCHES ILLUMINATED

TL1240 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL1240 Datasheet PDF - E-SWITCH

Part # TL1240
Download  TL1240 Click to download

File Size   203.97 Kbytes
Page   2 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description TACT SWITCHES ILLUMINATED

TL1240 Datasheet (HTML) - E-SWITCH


TL1240 Product details

FEATURES & BENEFITS
► Multiple LED color options
► Reliable dome technology
► Independent LED leads
► LED color matching upon request
► Multiple cap options

APPLICATIONS/MARKETS
► Telecommunications
► Consumer Electronics
► Audio/visual
► Medical
► Testing/instrumentation
► Computer/servers/peripherals




Similar Part No. - TL1240

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
logo
Transko Electronics, In...
TL12020CD1 TRANSKO-TL12020CD1 Datasheet
627Kb / 4P
120.00 MHz IF SAW Filter / 20.10 MHz Bandwidth
Revision 0: 23 Jun. 2008
TL12022AV TRANSKO-TL12022AV Datasheet
664Kb / 4P
120.0 MHz IF SAW Filter / 19.5 MHz Bandwidth
Revision 0: 16 Jan. 2008
TL12022BS TRANSKO-TL12022BS Datasheet
635Kb / 4P
120.00 MHz IF SAW Filter / 21.85 MHz Bandwidth
Revision 0: 22 Aug. 2011
TL12024AV TRANSKO-TL12024AV Datasheet
628Kb / 4P
120.0 MHz IF SAW Filter / 24.21 MHz Bandwidth
Revision 0: 28 May 2009
More results


Similar Description - TL1240

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1107 E-SWITCH-TL1107 Datasheet
278Kb / 2P
TACT SWITCHES
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
TACT SWITCHES
320 E-SWITCH-320 Datasheet
327Kb / 3P
TACT SWITCHES
TL1220 E-SWITCH-TL1220 Datasheet
1Mb / 3P
ILLUMINATED TACT SWITCH
TL1290 E-SWITCH-TL1290 Datasheet
242Kb / 1P
TACT SWITCHES ILLUMINATED - RIGHT ANGLE
logo
C&K Components
ITS CK-COMPONENTS-ITS Datasheet
895Kb / 9P
Illuminated Tact Switch
ITS CK-COMPONENTS-ITS_V01 Datasheet
851Kb / 9P
Illuminated Tact Switch
2021
ITS CK-COMPONENTS-ITS_V02 Datasheet
850Kb / 9P
Illuminated Tact Switch
3 Dec 21
K5V CK-COMPONENTS-K5V_V01 Datasheet
782Kb / 5P
Illuminated Tact Switch
13 May 22
logo
Highly Electric Co., Lt...
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
TACT SWITCHES
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com