Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5826 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N5826 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N5826
Download  1N5826 Download
File Size   354.56 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description full threads wihin 2 1/2 threads

1N5826 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5826 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N5826
Download  1N5826 Click to download

File Size   354.56 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description full threads wihin 2 1/2 threads

1N5826 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


1N5826 Product details

15 Amp Schottky Rectifier

● Schottky Barrier Rectifier
● Guard Ring Protection
● Low Forward Voltage
● VRRM - 20 to 40V
● 15 Amperes
● Reverse Energy Tested




Similar Part No. - 1N5826

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5826 MICROSEMI-1N5826 Datasheet
127Kb / 2P
15 Amp Schottky Rectifier
logo
TRANSYS Electronics Lim...
1N5826 TEL-1N5826 Datasheet
118Kb / 2P
SCHOTTKY DIODES STUD TYPE 15 A
logo
Microsemi Corporation
1N5826 MICROSEMI-1N5826 Datasheet
133Kb / 2P
15 Amp schottky Rectifier
logo
New Jersey Semi-Conduct...
1N5826 NJSEMI-1N5826 Datasheet
354Kb / 1P
10-32 UNF3A threads
logo
Naina Semiconductor ltd...
1N5826 NAINA-1N5826 Datasheet
120Kb / 2P
Schottky Power Diode, 15A
More results


Similar Description - 1N5826

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
012905 HUBBELL-012905 Datasheet
364Kb / 1P
Anchor, PISA 4, 2-10in, 1in threads
012904 HUBBELL-012904 Datasheet
370Kb / 1P
Anchor, PISA 4, 2-8in, 1in threads
V1021428 HUBBELL-V1021428 Datasheet
370Kb / 1P
Anchor, PISA 7, 2-4in, 1in threads
E1020823 HUBBELL-E1020823 Datasheet
370Kb / 1P
Anchor, PISA 6, 2-10in, 1in threads
E1020822 HUBBELL-E1020822 Datasheet
370Kb / 1P
Anchor, PISA 6, 2-8in, 1in threads
logo
Molex Electronics Ltd.
1200700175 MOLEX-1200700175 Datasheet
30Kb / 1P
Micro-Change (M12) Receptacle, 4 Pole, 1/2" - 14 NPT Threads, Male
1200840007 MOLEX-1200840007_V01 Datasheet
31Kb / 1P
Ultra-Lock (M12) Female Receptacle, 4 Poles, 1/2 - 14 NPT Mounting Threads
1200840008 MOLEX-1200840008_V01 Datasheet
31Kb / 1P
Ultra-Lock (M12) Male Receptacle, 4 Poles, 1/2 - 14 NPT Mounting Threads
logo
NorComp
859-004-203R2F4 NORCOMP-859-004-203R2F4 Datasheet
74Kb / 1P
M12 - 4P - A-CODE - PG9 THREADS - 2 FLATS
REV.00
859-008-203R2F4 NORCOMP-859-008-203R2F4 Datasheet
69Kb / 1P
M12 // 8P // FEMALE // A-CODE // PG9 THREADS // 2 FLATS
REV.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com