Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5826 Datasheet (PDF) - Microsemi Corporation

1N5826 Datasheet PDF - Microsemi Corporation
Part # 1N5826
Download  1N5826 Download
File Size   127.09 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 15 Amp Schottky Rectifier

1N5826 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5826 Datasheet PDF - Microsemi Corporation

Part # 1N5826
Download  1N5826 Click to download

File Size   127.09 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 15 Amp Schottky Rectifier

1N5826 Datasheet (HTML) - Microsemi Corporation


1N5826 Product details

15 Amp Schottky Rectifier

● Schottky Barrier Rectifier
● Guard Ring Protection
● Low Forward Voltage
● VRRM - 20 to 40V
● 15 Amperes
● Reverse Energy Tested




Similar Part No. - 1N5826

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1N5826 TEL-1N5826 Datasheet
118Kb / 2P
SCHOTTKY DIODES STUD TYPE 15 A
logo
Microsemi Corporation
1N5826 MICROSEMI-1N5826 Datasheet
133Kb / 2P
15 Amp schottky Rectifier
logo
New Jersey Semi-Conduct...
1N5826 NJSEMI-1N5826 Datasheet
354Kb / 1P
full threads wihin 2 1/2 threads
1N5826 NJSEMI-1N5826 Datasheet
354Kb / 1P
10-32 UNF3A threads
logo
Naina Semiconductor ltd...
1N5826 NAINA-1N5826 Datasheet
120Kb / 2P
Schottky Power Diode, 15A
More results


Similar Description - 1N5826

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR1645-28 SSDI-SSR1645-28 Datasheet
213Kb / 2P
15 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645J SSDI-SSR1645J Datasheet
201Kb / 2P
15 AMP 45 VOLTS SCHOTTKY RECTIFIER
SED15HB60 SSDI-SED15HB60 Datasheet
219Kb / 2P
15 AMP 60 VOLTS SCHOTTKY RECTIFIER
SSR1640A SSDI-SSR1640A Datasheet
50Kb / 2P
15 AMP 40 VOLTS SCHOTTKY RECTIFIER
logo
International Rectifier
MBRB1535CT IRF-MBRB1535CT Datasheet
34Kb / 3P
SCHOTTKY RECTIFIER 15 Amp
logo
Microsemi Corporation
1N5826 MICROSEMI-1N5826_07 Datasheet
133Kb / 2P
15 Amp schottky Rectifier
logo
Digitron Semiconductors
1N5826 DIGITRON-1N5826 Datasheet
172Kb / 2P
15 AMP SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR15U45 MCC-MBR15U45 Datasheet
259Kb / 3P
15 Amp Schottky Barrier Rectifier 45 Volts
MBR1545PS MCC-MBR1545PS Datasheet
184Kb / 2P
15 Amp Schottky Barrier Rectifier 45 Volts
MBR15120AULPS MCC-MBR15120AULPS Datasheet
331Kb / 2P
15 Amp Schottky Barrier Rectifier 120 Volts
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com