Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5827 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N5827 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N5827
Download  1N5827 Download
File Size   354.57 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 10-32 UNF3A threads

1N5827 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5827 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N5827
Download  1N5827 Click to download

File Size   354.57 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 10-32 UNF3A threads

1N5827 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


1N5827 Product details

15 Amp Schottky Rectifier

● Schottky Barrier Rectifier
● Guard Ring Protection
● Low Forward Voltage
● VRRM - 20 to 40V
● 15 Amperes
● Reverse Energy Tested




Similar Part No. - 1N5827

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1N5827 TEL-1N5827 Datasheet
118Kb / 2P
SCHOTTKY DIODES STUD TYPE 15 A
logo
Microsemi Corporation
1N5827 MICROSEMI-1N5827 Datasheet
133Kb / 2P
15 Amp schottky Rectifier
logo
New Jersey Semi-Conduct...
1N5827 NJSEMI-1N5827 Datasheet
354Kb / 1P
full threads wihin 2 1/2 threads
1N5827 NJSEMI-1N5827 Datasheet
354Kb / 1P
10-32 UNF3A threads
logo
Naina Semiconductor ltd...
1N5827 NAINA-1N5827 Datasheet
120Kb / 2P
Schottky Power Diode, 15A
More results


Similar Description - 1N5827

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73084 POMONA-73084 Datasheet
131Kb / 2P
Terminal Jacks, Male Threads 6-32, 8-32, 10-32, Female Threads 10-32
logo
New Jersey Semi-Conduct...
1N5826 NJSEMI-1N5826 Datasheet
354Kb / 1P
full threads wihin 2 1/2 threads
1N5827 NJSEMI-1N5827 Datasheet
354Kb / 1P
10-32 UNF3A threads
logo
ORION FANS
OCN ORIONFANS-OCN Datasheet
191Kb / 1P
Orion Cage Nuts m6, 10-32, or 12-24 threads
logo
Pasternack Enterprises,...
PE9756 PASTERNACK-PE9756 Datasheet
253Kb / 2P
10-32 Female to 10-32 Female Adapter
PE9757 PASTERNACK-PE9757 Datasheet
254Kb / 2P
Bulkhead 10-32 Female to 10-32 Female Adapter
PE36520 PASTERNACK-PE36520 Datasheet
109Kb / 1P
CABLE ASSEMBLY RG174A/U 10-32 MALE TO 10-32 MALE
logo
3M Electronics
73084-0 3M-73084-0 Datasheet
126Kb / 2P
Terminal Jacks, Male Threads 6-32, 8-32, 10-32, Female Threads 10-32
logo
Pasternack Enterprises,...
PE36522 PASTERNACK-PE36522 Datasheet
273Kb / 1P
CABLE ASSEMBLY, RG178B/U, 10-32 MALE TO 10-32 MALE
PE36524 PASTERNACK-PE36524 Datasheet
272Kb / 1P
CABLE ASSEMBLY, RG316/U, 10-32 MALE TO 10-32 MALE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com