Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

150K Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

150K Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 150K
Download  150K Download
File Size   66.82 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Standard Recovery Diodes (Stud Version), 150 A

150K Datasheet (PDF)

Go To PDF Page Download Datasheet
150K Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 150K
Download  150K Click to download

File Size   66.82 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Standard Recovery Diodes (Stud Version), 150 A

150K Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


150K Product details

FEATURES
• Alloy diode
• High current carrying capability
• High surge current capabilities
• Stud cathode and stud anode version
• Designed and qualified for industrial level

TYPICAL APPLICATIONS
• Battery chargers
• Welders
• Machine tool controls
• High power drives
• Medium traction applications
• Freewheeling diodes




Similar Part No. - 150K

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
150K NJSEMI-150K Datasheet
126Kb / 4P
STANDARD RECOVERY DIODES
150K-A NJSEMI-150K-A Datasheet
149Kb / 1P
20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
logo
Naina Semiconductor ltd...
150K10 NAINA-150K10 Datasheet
87Kb / 1P
SILICON POWER DIODE
logo
New Jersey Semi-Conduct...
150K10 NJSEMI-150K10 Datasheet
126Kb / 4P
STANDARD RECOVERY DIODES
logo
Naina Semiconductor ltd...
150K100 NAINA-150K100 Datasheet
87Kb / 1P
SILICON POWER DIODE
More results


Similar Description - 150K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
45LR VISHAY-45LR Datasheet
166Kb / 6P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
150U60D VISHAY-150U60D Datasheet
99Kb / 6P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
Standard Recovery Diodes (Stud Version), 25 A
29-Sep-08
45LR VISHAY-45LR_12 Datasheet
198Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
150U60D VISHAY-150U60D_12 Datasheet
115Kb / 7P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
Standard Recovery Diodes (Stud Version), 150 A
30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
25-Nov-13
VS-45LR VISHAY-VS-45LR Datasheet
214Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
25-Nov-13
VS-150U VISHAY-VS-150U_V01 Datasheet
154Kb / 7P
Standard Recovery Diodes, (Stud Version), 150 A
11-Jan-18
VS-45LR VISHAY-VS-45LR_V01 Datasheet
196Kb / 9P
Standard Recovery Diodes, (Stud Version), 150 A
Revision: 11-Jan-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com