Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP193W Datasheet (PDF) - Siemens Semiconductor Group

BFP193W Datasheet PDF - Siemens Semiconductor Group
Part # BFP193W
Download  BFP193W Download
File Size   59.92 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)

BFP193W Datasheet (PDF)

Go To PDF Page Download Datasheet
BFP193W Datasheet PDF - Siemens Semiconductor Group

Part # BFP193W
Download  BFP193W Click to download

File Size   59.92 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)

BFP193W Datasheet (HTML) - Siemens Semiconductor Group


BFP193W Product details

NPN Silicon RF Transistor

• For low noise, high-gain amplifiers up to 2GHz
• For linear broadband amplifiers
• fT = 8GHz
   F = 1.3dB at 900MHz




Similar Part No. - BFP193W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP193W INFINEON-BFP193W Datasheet
75Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP193W INFINEON-BFP193W Datasheet
82Kb / 7P
NPN Silicon RF Transistor
2007-04-20
BFP193W INFINEON-BFP193W Datasheet
537Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-04
BFP193W INFINEON-BFP193W_07 Datasheet
82Kb / 7P
NPN Silicon RF Transistor
2007-04-20
BFP193W INFINEON-BFP193W_14 Datasheet
537Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-04
More results


Similar Description - BFP193W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFG193 SIEMENS-BFG193 Datasheet
48Kb / 6P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFP193 SIEMENS-BFP193 Datasheet
60Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFP420 SIEMENS-BFP420 Datasheet
50Kb / 8P
NPN Silicon RF Transistor (For high gain low noise amplifiers For oscillators up to 10 GHz)
BFQ193 SIEMENS-BFQ193 Datasheet
28Kb / 4P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFQ73S SIEMENS-BFQ73S Datasheet
677Kb / 13P
NPN SILICON RF TRANSISTOR (FOR LOW-NOISE, LOW-DISTORTION BROADBAND AMPLIFIERS IN ANTENNA AND TELECOMMUNICATIONS SYSTEMS UP TO 2GHz)
BFQ81 SIEMENS-BFQ81 Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz and broadband analog and digital applications)
BFR106 SIEMENS-BFR106 Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers For linear broadband amplifiers)
BFR193 SIEMENS-BFR193 Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193W SIEMENS-BFR193W Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR34R SIEMENS-BFR34R Datasheet
90Kb / 4P
NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com