Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP420 Datasheet (PDF) - Siemens Semiconductor Group

BFP420 Datasheet PDF - Siemens Semiconductor Group
Part # BFP420
Download  BFP420 Download
File Size   50.27 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For high gain low noise amplifiers For oscillators up to 10 GHz)

BFP420 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFP420 Datasheet PDF - Siemens Semiconductor Group

Part # BFP420
Download  BFP420 Click to download

File Size   50.27 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For high gain low noise amplifiers For oscillators up to 10 GHz)

BFP420 Datasheet (HTML) - Siemens Semiconductor Group


BFP420 Product details

NPN Silicon RF Transistor

• For high gain low noise amplifiers
• For oscillators up to 10 GHz
• Noise figure F = 1.05 dB at 1.8 GHz outstanding Gms = 20 dB at 1.8 GHz
• Transition frequency fT = 25 GHz
• Gold metalization for high reliability
• SIEGET® 25 - Line
    Siemens Grounded Emitter Transistor 25 GHz fT - Line




Similar Part No. - BFP420

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP420 INFINEON-BFP420 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
2007-04-20
BFP420 INFINEON-BFP420 Datasheet
567Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP420E6327 INFINEON-BFP420E6327 Datasheet
542Kb / 9P
NPN Silicon RF Transistor
2009-12-02
BFP420F INFINEON-BFP420F Datasheet
49Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP420F INFINEON-BFP420F Datasheet
63Kb / 7P
NPN Silicon RF Transistor
2007-04-20
More results


Similar Description - BFP420

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFG193 SIEMENS-BFG193 Datasheet
48Kb / 6P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFP193 SIEMENS-BFP193 Datasheet
60Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFP193W SIEMENS-BFP193W Datasheet
59Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFP405 SIEMENS-BFP405 Datasheet
49Kb / 8P
NPN Silicon RF Transistor (For low current applications For oscillators up to 12 GHz)
BFQ193 SIEMENS-BFQ193 Datasheet
28Kb / 4P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR106 SIEMENS-BFR106 Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers For linear broadband amplifiers)
BFR193 SIEMENS-BFR193 Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193W SIEMENS-BFR193W Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
logo
Infineon Technologies A...
BFR193L3 INFINEON-BFR193L3_12 Datasheet
501Kb / 6P
For low noise, high-gain amplifiers up to 2 GHz
2012-08-08
BFR193W INFINEON-BFR193W_14 Datasheet
660Kb / 6P
For low noise, high-gain amplifiers up to 2 GHz
2014-04-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com