Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP420F Datasheet (PDF) - Infineon Technologies AG

BFP420F Datasheet PDF - Infineon Technologies AG
Part # BFP420F
Download  BFP420F Download
File Size   49.77 Kbytes
Page   4 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon RF Transistor

BFP420F Datasheet (PDF)

Go To PDF Page Download Datasheet
BFP420F Datasheet PDF - Infineon Technologies AG

Part # BFP420F
Download  BFP420F Click to download

File Size   49.77 Kbytes
Page   4 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon RF Transistor

BFP420F Datasheet (HTML) - Infineon Technologies AG


BFP420F Product details

Product Brief
The BFP420F is a low noise wideband NPN bipolar RF transistor. The collector design supports voltages up to VCEO = 4.5 V and currents up to IC = 60 mA. The device is especially suited for mobile applications in which low power consumption is a key requirement. The typical transition frequency is approximately 25 GHz, hence the device offers high power gain at frequencies up to 4.5 GHz in amplifier applications. The device is housed in a thin small flat plastic package with visible leads.

Features
• General purpose low noise NPN bipolar RF transistor
• Based on Infineon´s reliable very high volume 25 GHz silicon bipolar technology
• 0.95 dB minimum noise figure typical at 900 MHz, 3 V, 4 mA
• 16.5 dB maximum gain (Gma) typical at 2.4 GHz, 3 V, 15 mA
• 28 dBm OIP3 typical at 2.4 GHz, 4 V, 40 mA
• 16.5 dBm OP1dB typical at 2.4 GHz, 4 V, 40 mA
• Popular in discrete oscillators
• Thin, small, flat, Pb-free (RoHS compliant) and Halogen-free package with visible leads
• Qualification report according to AEC-Q101 available

Applications
As Low Noise Amplifier (LNA) in
• Satellite communication systems: Navigation systems (GPS, Glonass), satellite radio (SDARs, DAB)
• Multimedia applications such as mobile/portable TV, CATV, FM Radio
• ISM applications like RKE, AMR and Zigbee, as well as for emerging wireless applications




Similar Part No. - BFP420F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP420F INFINEON-BFP420F Datasheet
63Kb / 7P
NPN Silicon RF Transistor
2007-04-20
BFP420F INFINEON-BFP420F Datasheet
1Mb / 30P
Low Noise Silicon Bipolar RF Transistor
Revision 1.1, 2012-11-07
BFP420F INFINEON-BFP420F_07 Datasheet
63Kb / 7P
NPN Silicon RF Transistor
2007-04-20
BFP420F INFINEON-BFP420F_12 Datasheet
1Mb / 30P
Low Noise Silicon Bipolar RF Transistor
Revision 1.1, 2012-11-07
More results


Similar Description - BFP420F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com