Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN335N Datasheet (PDF) - Shenzhen Jin Yu Semiconductor Co., Ltd.

FDN335N Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.
Part # FDN335N
Download  FDN335N Download
File Size   1910.96 Kbytes
Page   4 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description 20 V N-Channel Enhancement Mode MOSFET

FDN335N Datasheet (PDF)

Go To PDF Page Download Datasheet
FDN335N Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # FDN335N
Download  FDN335N Click to download

File Size   1910.96 Kbytes
Page   4 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description 20 V N-Channel Enhancement Mode MOSFET

FDN335N Datasheet (HTML) - Shenzhen Jin Yu Semiconductor Co., Ltd.


FDN335N Product details

VDS= 20VΩ
RDS(ON), Vgs@ 2.5V, Ids@ 1.7A= 70mΩ
RDS(ON), Vgs@ 2.5V, Ids@ 1.5A=100mΩ

Features
   Advanced trench process technology
   High Density Cell Design For Ultra Low On-Resistance




Similar Part No. - FDN335N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN335N FAIRCHILD-FDN335N Datasheet
210Kb / 8P
N-Channel 2.5V Specified PowerTrenchTM MOSFET
logo
Guangdong Youtai Semico...
FDN335N UMW-FDN335N Datasheet
384Kb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
logo
EVER SEMICONDUCTOR CO.,...
FDN335N EVVOSEMI-FDN335N Datasheet
351Kb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
Rev:2023A2
logo
VBsemi Electronics Co.,...
FDN335N-NL VBSEMI-FDN335N-NL Datasheet
1Mb / 9P
N-Channel 20 V (D-S) MOSFET
More results


Similar Description - FDN335N

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
FDN338P HTSEMI-FDN338P Datasheet
1Mb / 4P
20 V P-Channel Enhancement Mode MOSFET
PT4410 HTSEMI-PT4410 Datasheet
1Mb / 3P
30 V N-Channel Enhancement Mode MOSFET
PT8205 HTSEMI-PT8205 Datasheet
2Mb / 3P
20 V Dual N-Channel Enhancement Mode MOSFET
PT8205A HTSEMI-PT8205A Datasheet
2Mb / 3P
20 V Dual N-Channel Enhancement Mode MOSFET
PT8822 HTSEMI-PT8822 Datasheet
2Mb / 3P
20 V Dual N-Channel Enhancement Mode MOSFET
SI2300 HTSEMI-SI2300 Datasheet
3Mb / 4P
20 V N-Channel Enhancement Mode MOSFET
SI2302 HTSEMI-SI2302 Datasheet
3Mb / 4P
20 V N-Channel Enhancement Mode MOSFET
SI2312 HTSEMI-SI2312 Datasheet
1Mb / 3P
20 V N-Channel Enhancement Mode MOSFET
XP151A13COMR HTSEMI-XP151A13COMR Datasheet
2Mb / 4P
20 V N-Channel Enhancement Mode MOSFET
XP152A12COMR HTSEMI-XP152A12COMR Datasheet
2Mb / 4P
20 V P-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com