Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN338P Datasheet (PDF) - Shenzhen Jin Yu Semiconductor Co., Ltd.

FDN338P Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.
Part # FDN338P
Download  FDN338P Download
File Size   1915.59 Kbytes
Page   4 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description 20 V P-Channel Enhancement Mode MOSFET

FDN338P Datasheet (PDF)

Go To PDF Page Download Datasheet
FDN338P Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # FDN338P
Download  FDN338P Click to download

File Size   1915.59 Kbytes
Page   4 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description 20 V P-Channel Enhancement Mode MOSFET

FDN338P Datasheet (HTML) - Shenzhen Jin Yu Semiconductor Co., Ltd.


FDN338P Product details

VDS= -20V

RDS(ON), Vgs@-4.5V, Ids@-1.6A= 115mΩ

RDS(ON), Vgs@-2.5V, Ids@-1.3A= 155mΩ



Features

  Advanced trench process technology

  High Density Cell Design For Ultra Low On-Resistance



 




Similar Part No. - FDN338P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN338P FAIRCHILD-FDN338P Datasheet
85Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
TECH PUBLIC Electronics...
FDN338P TECHPUBLIC-FDN338P Datasheet
1Mb / 3P
P-Channel 20-V(D-S) MOSFET
logo
Guangdong Youtai Semico...
FDN338P UMW-FDN338P Datasheet
601Kb / 2P
SOT-23 Plastic-Encapsulate MOSFETS
logo
EVER SEMICONDUCTOR CO.,...
FDN338P EVVOSEMI-FDN338P Datasheet
572Kb / 2P
SOT-23 Plastic-Encapsulate MOSFETS
Rev:2023A2
logo
VBsemi Electronics Co.,...
FDN338P-NL VBSEMI-FDN338P-NL Datasheet
1Mb / 9P
P-Channel 20-V (D-S) MOSFET
More results


Similar Description - FDN338P

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
FDN335N HTSEMI-FDN335N Datasheet
1Mb / 4P
20 V N-Channel Enhancement Mode MOSFET
PT4435 HTSEMI-PT4435 Datasheet
2Mb / 3P
30 V P-Channel Enhancement Mode MOSFET
PT8205 HTSEMI-PT8205 Datasheet
2Mb / 3P
20 V Dual N-Channel Enhancement Mode MOSFET
PT8205A HTSEMI-PT8205A Datasheet
2Mb / 3P
20 V Dual N-Channel Enhancement Mode MOSFET
SI2300 HTSEMI-SI2300 Datasheet
3Mb / 4P
20 V N-Channel Enhancement Mode MOSFET
SI2302 HTSEMI-SI2302 Datasheet
3Mb / 4P
20 V N-Channel Enhancement Mode MOSFET
SI2312 HTSEMI-SI2312 Datasheet
1Mb / 3P
20 V N-Channel Enhancement Mode MOSFET
XP151A13COMR HTSEMI-XP151A13COMR Datasheet
2Mb / 4P
20 V N-Channel Enhancement Mode MOSFET
XP152A12COMR HTSEMI-XP152A12COMR Datasheet
2Mb / 4P
20 V P-Channel Enhancement Mode MOSFET
logo
Guangdong Youtai Semico...
IRFR5305TR UMW-IRFR5305TR Datasheet
1Mb / 7P
-60 V P - Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com