Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN338P Datasheet(PDF) 3 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # FDN338P
Description  20 V P-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

FDN338P Datasheet(HTML) 3 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  FDN338P Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. FDN338P Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. FDN338P Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd. FDN338P Datasheet HTML 4Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
_
On-Resistance vs. Drain Current
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
0
1234
5
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
TC = -55_C
125_C
0, 0.5, 1 V
2.5 V
VGS = 5, 4.5, 4, 3.5, 3 V
1.5 V
2 V
0
200
400
600
800
1000
0369
12
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
0
50
100
150
0
1
2
3
4
5
02468
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
2468
10
Gate Charge
Qg - Total Gate Charge (nC)
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 6 V
ID = 2.8 A
ID - Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
VGS = 4.5 V
ID = 2.8 A
TJ - Junction Temperature (_C)
VGS = 2.5 V
VGS = 4.5 V
25_C
20V P-Channel Enhancement Mode MOSFET
3
Date:2011/05
www.htsemi.com
semiconductor
JinYu
FDN338P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com