Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG1C Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

RG1C Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # RG1C
Download  RG1C Download
File Size   119.86 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic Ultra-Fast Recover Rectifier Reverse Voltage 1000V Forward Current 0.7A

RG1C Datasheet (PDF)

Go To PDF Page Download Datasheet
RG1C Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # RG1C
Download  RG1C Click to download

File Size   119.86 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic Ultra-Fast Recover Rectifier Reverse Voltage 1000V Forward Current 0.7A

RG1C Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd


RG1C Product details

Reverse Voltage 1000V

Forward Current 0.7A



Features

• Low reverse leakage

• High forward surge capability

• High temperature soldering guaranteed: 260℃/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension

• Lead and body according with RoHS standard



 




Similar Part No. - RG1C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RG1C SANKEN-RG1C Datasheet
25Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RG1C EIC-RG1C Datasheet
73Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
logo
Sanken electric
RG1C SANKEN-RG1C Datasheet
191Kb / 4P
Silicon Rectifier Diode
logo
SUNMATE electronic Co.,...
RG1C SUNMATE-RG1C Datasheet
357Kb / 2P
ULTRA FAST RECOVER Y RECTIFIER DIODES
logo
Rugao Dachang Electroni...
RG1C DACHANG-RG1C_15 Datasheet
119Kb / 2P
Plastic Ultra-Fast Recover Rectifier
More results


Similar Description - RG1C

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
BYV26A DACHANG-BYV26A Datasheet
119Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 1000V Forward Current 1.0 A
EG01Z DACHANG-EG01Z Datasheet
121Kb / 2P
Plastic Ultra-Fast Recover Rectifiers Reverse Voltage 200 to 1000V Forward Current 0.5 to 0.7A
ERB4402 DACHANG-ERB4402 Datasheet
122Kb / 2P
Plastic fast Recover Rectifier Reverse Voltage 200 to 1000V Forward Current 1.0A
FR151G DACHANG-FR151G Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5A
FR201 DACHANG-FR201 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.0A
FR251G DACHANG-FR251G Datasheet
120Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.5A
FR501 DACHANG-FR501 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 5.0A
RU3 DACHANG-RU3 Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 400 to 1000V Forward Current 1.5A
UF4001 DACHANG-UF4001 Datasheet
121Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
UF5400 DACHANG-UF5400 Datasheet
119Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 3.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com