Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG1C Datasheet (PDF) - SUNMATE electronic Co., LTD

RG1C Datasheet PDF - SUNMATE electronic Co., LTD
Part # RG1C
Download  RG1C Download
File Size   357.84 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description ULTRA FAST RECOVER Y RECTIFIER DIODES

RG1C Datasheet (PDF)

Go To PDF Page Download Datasheet
RG1C Datasheet PDF - SUNMATE electronic Co., LTD

Part # RG1C
Download  RG1C Click to download

File Size   357.84 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description ULTRA FAST RECOVER Y RECTIFIER DIODES

RG1C Datasheet (HTML) - SUNMATE electronic Co., LTD


RG1C Product details

VOLTAGE RANGE: 1000V

CURRENT: 0.7 A



Features

• High current capability

• High surge current capability

• High reliability

• Low reverse current

• Low forward voltage drop

• Fast switching for high efficiency




Similar Part No. - RG1C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RG1C SANKEN-RG1C Datasheet
25Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RG1C EIC-RG1C Datasheet
73Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
logo
Rugao Dachang Electroni...
RG1C DACHANG-RG1C Datasheet
119Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 1000V Forward Current 0.7A
logo
Sanken electric
RG1C SANKEN-RG1C Datasheet
191Kb / 4P
Silicon Rectifier Diode
logo
Rugao Dachang Electroni...
RG1C DACHANG-RG1C_15 Datasheet
119Kb / 2P
Plastic Ultra-Fast Recover Rectifier
More results


Similar Description - RG1C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
1S1834 SUNMATE-1S1834 Datasheet
337Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR101 SUNMATE-FR101 Datasheet
309Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR251G SUNMATE-FR251G Datasheet
310Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR801 SUNMATE-FR801 Datasheet
233Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
RU1 SUNMATE-RU1 Datasheet
261Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
AU01Z SUNMATE-AU01Z Datasheet
259Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ERD09-13 SUNMATE-ERD09-13 Datasheet
350Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ES1Z SUNMATE-ES1Z Datasheet
307Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
BYW82 SUNMATE-BYW82 Datasheet
375Kb / 3P
FAST RECOVER Y RECTIFIER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com