Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83058AGI Datasheet (PDF) - Integrated Device Technology

ICS83058AGI Datasheet PDF - Integrated Device Technology
Part # ICS83058AGI
Download  ICS83058AGI Download
File Size   286.4 Kbytes
Page   14 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 8:1, SINGLE-ENDED MULTIPLEXER

ICS83058AGI Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS83058AGI Datasheet PDF - Integrated Device Technology

Part # ICS83058AGI
Download  ICS83058AGI Click to download

File Size   286.4 Kbytes
Page   14 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 8:1, SINGLE-ENDED MULTIPLEXER

ICS83058AGI Datasheet (HTML) - Integrated Device Technology


ICS83058AGI Product details

GENERAL DESCRIPTION
The ICS83058I is a low skew, 8:1, Single-ended Multiplexer and a member of the HiPerClockS™ family of High Performance Clock Solutions from IDT. The ICS83058I has eight selectable singleended clock inputs and one single-ended clock output. The output has a VDDO pin which may be set at 3.3V, 2.5V, or 1.8V, making the device ideal for use in voltage translation applications. An output enable pin places the output in a high impedance state which may be useful for testing or debug purposes. The device operates up to 250MHz and is packaged in a 16 TSSOP package.

FEATURES
• 8:1 single-ended multiplexer
• Q nominal output impedance: 7Ω (VDDO = 3.3V)
• Maximum output frequency: 250MHz
• Propagation delay: 3ns (maximum), VDD = VDDO = 3.3V
• Input skew: 225ps (maximum), VDD = VDDO = 3.3V
• Part-to-part skew: 475ps (maximum), VDD = VDDO = 3.3V
• Additive phase jitter, RMS: 0.19ps (typical), 3.3V/3.3V
• Operating supply modes:
    VDD/VDDO
    3.3V/3.3V
    3.3V/2.5V
    3.3V/1.8V
    2.5V/2.5V
    2.5V/1.8V
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6) packages




Similar Part No. - ICS83058AGI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83058AGI ICST-ICS83058AGI Datasheet
153Kb / 12P
8:1, SINGLE-ENDED MULTIPLEXER
REV. A SEPTEMBER 27, 2005
ICS83058AGILF ICST-ICS83058AGILF Datasheet
153Kb / 12P
8:1, SINGLE-ENDED MULTIPLEXER
REV. A SEPTEMBER 27, 2005
ICS83058AGILFT ICST-ICS83058AGILFT Datasheet
153Kb / 12P
8:1, SINGLE-ENDED MULTIPLEXER
REV. A SEPTEMBER 27, 2005
ICS83058AGIT ICST-ICS83058AGIT Datasheet
153Kb / 12P
8:1, SINGLE-ENDED MULTIPLEXER
REV. A SEPTEMBER 27, 2005
More results


Similar Description - ICS83058AGI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83052I ICST-ICS83052I Datasheet
176Kb / 12P
2:1, SINGLE-ENDED MULTIPLEXER
REV. A AUGUST 2, 2005
ICS83056I ICST-ICS83056I Datasheet
157Kb / 13P
6:1, SINGLE-ENDED MULTIPLEXER
REV. A JANUARY 18, 2006
ICS83058I ICST-ICS83058I Datasheet
153Kb / 12P
8:1, SINGLE-ENDED MULTIPLEXER
REV. A SEPTEMBER 27, 2005
logo
Integrated Device Techn...
83054AGILF IDT-83054AGILF Datasheet
271Kb / 14P
4:1, SINGLE-ENDED MULTIPLEXER
83052AGILFT IDT-83052AGILFT Datasheet
195Kb / 17P
2 1 single-ended multiplexer
8308I IDT-8308I Datasheet
169Kb / 14P
8:1, Single-Ended Multiplexer
83058 IDT-83058_15 Datasheet
169Kb / 14P
8:1, Single-Ended Multiplexer
logo
Renesas Technology Corp
8CA3052I RENESAS-8CA3052I Datasheet
399Kb / 18P
2:1 Single-Ended Multiplexer
January 27, 2016
83058I RENESAS-83058I Datasheet
363Kb / 15P
8:1, Single-Ended Multiplexer
December 15, 2015
83054 RENESAS-83054 Datasheet
348Kb / 15P
4:1, Single-Ended Multiplexer
December 15, 2015
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com