Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS400S Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SCS400S Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SCS400S_11
Download  SCS400S Download
File Size   152.85 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 0.1A , 100V Surface Mount Switching Diode

SCS400S Datasheet (PDF)

Go To PDF Page Download Datasheet
SCS400S Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SCS400S_11
Download  SCS400S Click to download

File Size   152.85 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 0.1A , 100V Surface Mount Switching Diode

SCS400S Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SCS400S_11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS400S SECOS-SCS400S_15 Datasheet
152Kb / 2P
Surface Mount Switching Diode
More results


Similar Description - SCS400S_11

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CASD355SG CYSTEKEC-CASD355SG Datasheet
147Kb / 3P
100V/100mA SURFACE MOUNT SWITCHING DIODE
CDSS355ASN CYSTEKEC-CDSS355ASN Datasheet
140Kb / 3P
100V/100mA SURFACE MOUNT SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
SCS204F SECOS-SCS204F Datasheet
494Kb / 2P
Voltage 20V, Current 0.1A Surface Mount, Switching Diode
BAS16TW SECOS-BAS16TW_11 Datasheet
158Kb / 2P
0.15A , 100V Surface Mount Switching Diode Array
logo
Formosa MS
MCL4148 FORMOSA-MCL4148_10 Datasheet
102Kb / 7P
150mA Surface Mount Switching Diode- 100V
MCL4448 FORMOSA-MCL4448_09 Datasheet
98Kb / 7P
150mA Surface Mount Switching Diode- 100V
logo
WILLAS ELECTRONIC CORP
MMBD4448 WILLAS-MMBD4448 Datasheet
384Kb / 2P
150mA Surface Mount Switching Diode-100V
MMDL914 WILLAS-MMDL914 Datasheet
313Kb / 3P
200mA Surface Mount Switching Diode - 100V
SCS500V WILLAS-SCS500V Datasheet
331Kb / 4P
0.1A Surface Mount Schokky Diode-40V
logo
E-CMOS Corporation
ECC1N4148W E-CMOS-ECC1N4148W Datasheet
376Kb / 5P
410mW Surface Mount Switching Diode-100V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com