Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS204F Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SCS204F Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SCS204F
Download  SCS204F Download
File Size   494.01 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 20V, Current 0.1A Surface Mount, Switching Diode

SCS204F Datasheet (PDF)

Go To PDF Page Download Datasheet
SCS204F Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SCS204F
Download  SCS204F Click to download

File Size   494.01 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 20V, Current 0.1A Surface Mount, Switching Diode

SCS204F Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SCS204F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS204F SECOS-SCS204F_15 Datasheet
494Kb / 2P
Surface Mount, Switching Diode
More results


Similar Description - SCS204F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHN217UPT ETC2-CHN217UPT Datasheet
60Kb / 2P
SURFACE MOUNT SWITCHING DIODE VOLTAGE 80 Volts CURRENT 0.1 Ampere
logo
GTM CORPORATION
G420SD GTM-G420SD Datasheet
239Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.1A
G421SD GTM-G421SD Datasheet
226Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.1A
G425SD GTM-G425SD Datasheet
227Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.1A
GBAS16 GTM-GBAS16 Datasheet
144Kb / 2P
SURFACE MOUNT,SWITCHING DIODE VOLTAGE 85V,CURRENT 250mA
logo
List of Unclassifed Man...
1SS355PT ETC2-1SS355PT Datasheet
73Kb / 2P
SURFACE MOUNT SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere
logo
SeCoS Halbleitertechnol...
SCS202ND SECOS-SCS202ND Datasheet
700Kb / 2P
VOLTAGE 80 V 0.1A SC-59 Types Surface Mount Switching Diode
SCS400S SECOS-SCS400S_11 Datasheet
152Kb / 2P
0.1A , 100V Surface Mount Switching Diode
logo
WILLAS ELECTRONIC CORP
SCS500V WILLAS-SCS500V Datasheet
331Kb / 4P
0.1A Surface Mount Schokky Diode-40V
logo
AiT Semiconductor Inc.
DSR01S30S AITSEMI-DSR01S30S Datasheet
363Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 0.1A
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com