Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS204F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS204F
Description  Voltage 20V, Current 0.1A Surface Mount, Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS204F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS204F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS204F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS204F
Voltage 20V, Current 0.1A
Surface Mount, Switching Diode
The SCS204F is designed for bias circuit
and protection circuit.
Description
Marking
A5, K
01-Jun-2006 Rev. B
Page 1 of 2
Max. Peak Repetitive Reverse Voltage
0.1
2.0
20
0.3
225
-55~+150
Max. Average Forward Rectified Current
Operating Junction and Storage Temperature Range
Tj, Tstg
Max. DC Blocking Voltage
Peak Forward Surge Current at 1uSec
Typical Junction Capacitance Between Terminal
Total Power Dissipation
CJ
PD@TC=25 C
o
A
C
o
Characteristics at Ta = 25
Characteristics
Typ.
Symbol
Unit
Max. Instantaneous Forward Voltage
1.00
V
Max. RMS Voltage
Parameter
Symbol
Ratings
Unit
A
V
V
pF
V
mW
VRRM
VRMS
20
14
1
VDC
IFSM
Io
C
o
Test Condition
Max. Average Reverse Current
VF
IR
0.1
uA
IF=10mA
VR=15V
Absolute Maximum Ratings
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Dim
Min
Max
A
1.800
2.200
B
1.150
1.350
C
0.800
1.000
D
0.300
0.400
G
1.200
1.400
H
0.000
0.100
J
0.100
0.250
K
0.350
0.500
L
0.590
0.720
S
2.000
2.400
V
0.280
0.420
All Dimension in mm
SOT-323(SC-70)
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3
3
2
1
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCS204F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS204F SECOS-SCS204F_15 Datasheet
494Kb / 2P
Surface Mount, Switching Diode
More results

Similar Description - SCS204F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHN217UPT ETC2-CHN217UPT Datasheet
60Kb / 2P
SURFACE MOUNT SWITCHING DIODE VOLTAGE 80 Volts CURRENT 0.1 Ampere
logo
GTM CORPORATION
G420SD GTM-G420SD Datasheet
239Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.1A
G421SD GTM-G421SD Datasheet
226Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.1A
G425SD GTM-G425SD Datasheet
227Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.1A
GBAS16 GTM-GBAS16 Datasheet
144Kb / 2P
SURFACE MOUNT,SWITCHING DIODE VOLTAGE 85V,CURRENT 250mA
logo
List of Unclassifed Man...
1SS355PT ETC2-1SS355PT Datasheet
73Kb / 2P
SURFACE MOUNT SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere
logo
SeCoS Halbleitertechnol...
SCS202ND SECOS-SCS202ND Datasheet
700Kb / 2P
VOLTAGE 80 V 0.1A SC-59 Types Surface Mount Switching Diode
SCS400S SECOS-SCS400S_11 Datasheet
152Kb / 2P
0.1A , 100V Surface Mount Switching Diode
logo
WILLAS ELECTRONIC CORP
SCS500V WILLAS-SCS500V Datasheet
331Kb / 4P
0.1A Surface Mount Schokky Diode-40V
logo
AiT Semiconductor Inc.
DSR01S30S AITSEMI-DSR01S30S Datasheet
363Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 0.1A
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com