Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM340FL Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SM340FL Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SM340FL
Download  SM340FL Download
File Size   160.09 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 40V 3.0 Amp Schottky Barrier Rectifiers

SM340FL Datasheet (PDF)

Go To PDF Page Download Datasheet
SM340FL Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SM340FL
Download  SM340FL Click to download

File Size   160.09 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 40V 3.0 Amp Schottky Barrier Rectifiers

SM340FL Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SM340FL Product details

FEATURES
• High Current Capability
• Extremely Low Thermal Resistance
• For Surface Mount Application
• Low Forward Voltage




Similar Part No. - SM340FL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM340FL SECOS-SM340FL Datasheet
193Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
SM340FL SECOS-SM340FL_15 Datasheet
193Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
More results


Similar Description - SM340FL

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SR320P FORMOSA-SR320P Datasheet
62Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SCS120PR SECOS-SCS120PR Datasheet
198Kb / 2P
VOLTAGE 20V ~ 40V 1.0 AMP Schottky Barrier Rectifiers
SR3200 SECOS-SR3200 Datasheet
145Kb / 2P
VOLTAGE 200V 3.0 Amp Schottky Barrier Rectifiers
SM3200B SECOS-SM3200B_11 Datasheet
102Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
SR3200 SECOS-SR3200_05 Datasheet
147Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
SCS501V-40 SECOS-SCS501V-40_11 Datasheet
114Kb / 2P
Voltage 40V 0.1 Amp Schottky Barrier Rectifiers
SK34CL SECOS-SK34CL Datasheet
257Kb / 2P
Voltage 40V Low VF & Low IR 3.0 Amp Schottky Barrier Rectifiers
SM540A SECOS-SM540A_12 Datasheet
201Kb / 2P
Voltage 40V 4.0 Amp Schottky Barrier Rectifiers
SMP340 SECOS-SMP340 Datasheet
703Kb / 2P
Voltage 40V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SP1040 SECOS-SP1040_11 Datasheet
260Kb / 2P
Voltage 40V 10.0 Amp Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com