Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5150B Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SM5150B Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SM5150B
Download  SM5150B Download
File Size   231.23 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 150V 5.0 Amp Schottky Barrier Rectifiers

SM5150B Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5150B Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SM5150B
Download  SM5150B Click to download

File Size   231.23 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 150V 5.0 Amp Schottky Barrier Rectifiers

SM5150B Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SM5150B

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SM5150B GWSEMI-SM5150B Datasheet
63Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM5150BF AITSEMI-SM5150BF Datasheet
566Kb / 5P
SCHOTTKY DIODES REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
logo
SeCoS Halbleitertechnol...
SM5150BM SECOS-SM5150BM Datasheet
310Kb / 2P
Voltage 20 ~ 200 V 5.0 AMP Surface Mount Schottky Barrier Rectifiers
SM5150B SECOS-SM5150B_15 Datasheet
266Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
More results


Similar Description - SM5150B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR30150 SECOS-SBR30150 Datasheet
321Kb / 2P
VOLTAGE 150V 30.0 AMP Schottky Barrier Rectifiers
SBR40150RF SECOS-SBR40150RF Datasheet
307Kb / 2P
VOLTAGE 150V 40.0 Amp Schottky Barrier Rectifiers
SM5150A SECOS-SM5150A Datasheet
202Kb / 2P
Voltage 150V 5.0 Amp Schottky Barrier Rectifiers
SM5100A SECOS-SM5100A Datasheet
425Kb / 2P
Voltage 100V 5.0 Amp Schottky Barrier Rectifiers
SM8150C SECOS-SM8150C Datasheet
135Kb / 2P
Voltage 150V 8 Amp Schottky Barrier Rectifiers
SM5150C SECOS-SM5150C_15 Datasheet
207Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SP5100S SECOS-SP5100S_15 Datasheet
239Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5100K SECOS-SR5100K_15 Datasheet
246Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5150K SECOS-SR5150K_15 Datasheet
242Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5200K SECOS-SR5200K_15 Datasheet
242Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com