Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8150C Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SM8150C Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SM8150C
Download  SM8150C Download
File Size   135.34 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 150V 8 Amp Schottky Barrier Rectifiers

SM8150C Datasheet (PDF)

Go To PDF Page Download Datasheet
SM8150C Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SM8150C
Download  SM8150C Click to download

File Size   135.34 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 150V 8 Amp Schottky Barrier Rectifiers

SM8150C Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SM8150C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM8150C SECOS-SM8150C_15 Datasheet
135Kb / 2P
8.0 Amp Schottky Barrier Rectifiers
More results


Similar Description - SM8150C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR20150F SECOS-SBR20150F Datasheet
340Kb / 2P
VOLTAGE 150V 20.0AMP Schottky Barrier Rectifiers
SBR30150 SECOS-SBR30150 Datasheet
321Kb / 2P
VOLTAGE 150V 30.0 AMP Schottky Barrier Rectifiers
SBR30150R SECOS-SBR30150R Datasheet
392Kb / 2P
VOLTAGE 150V 30.0AMP Schottky Barrier Rectifiers
SBR30150RF SECOS-SBR30150RF Datasheet
398Kb / 2P
VOLTAGE 150V 30.0AMP Schottky Barrier Rectifiers
SBR20150 SECOS-SBR20150 Datasheet
1Mb / 2P
VOLTAGE 150V 20.0AMP Schottky Barrier Rectifiers
SBR40150RF SECOS-SBR40150RF Datasheet
307Kb / 2P
VOLTAGE 150V 40.0 Amp Schottky Barrier Rectifiers
SM5150A SECOS-SM5150A Datasheet
202Kb / 2P
Voltage 150V 5.0 Amp Schottky Barrier Rectifiers
SM5150B SECOS-SM5150B Datasheet
231Kb / 2P
Voltage 150V 5.0 Amp Schottky Barrier Rectifiers
SM140HT SECOS-SM140HT Datasheet
433Kb / 3P
Voltage 40V ~150V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
MBR10150FCT PACELEADER-MBR10150FCT Datasheet
355Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS 150V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com