Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC88PL117FN Datasheet (PDF) - Motorola, Inc

MC88PL117FN Datasheet PDF - Motorola, Inc
Part # MC88PL117FN
Download  MC88PL117FN Download
File Size   139.37 Kbytes
Page   11 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description CMOS PLL CLOCK DRIVER

MC88PL117FN Datasheet (PDF)

Go To PDF Page Download Datasheet
MC88PL117FN Datasheet PDF - Motorola, Inc

Part # MC88PL117FN
Download  MC88PL117FN Click to download

File Size   139.37 Kbytes
Page   11 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description CMOS PLL CLOCK DRIVER

MC88PL117FN Datasheet (HTML) - Motorola, Inc


MC88PL117FN Product details

The MC88PL117 utilizes proven phase–locked loop clock driver technology to create a large fan–out, multiple frequency and phase, low skew clock driver. The 88PL117 provides the clock frequencies necessary to drive systems using the PowerPC™ 601 microprocessor and the Pentium™ microprocessor (see applications section for details).

• Clock Driver for PowerPC 601 and Pentium Microprocessors
• 14 programmable outputs
• Maximum output–to–output skew of 500ps for a single frequency
• Maximum output–to–output skew of 500ps for multiple frequencies
• fMAX of 2X_Q = 120MHz
• One output with programmable phase capability
• ±36mA DC current outputs drive 50Ω transmission lines
• A lock indicator output (LOCK) goes high when steady–state phase–lock is achieved
• OE/MR 3–state control
• Dedicated feedback output
• Two selectable clock inputs
• PLL enable pin for testability
• Dynamic Switch Between SYNC Inputs




Similar Part No. - MC88PL117FN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC88913 MOTOROLA-MC88913 Datasheet
75Kb / 4P
LOW SKEW CMOS CLOCK DRIVER
MC88913D MOTOROLA-MC88913D Datasheet
75Kb / 4P
LOW SKEW CMOS CLOCK DRIVER
MC88913N MOTOROLA-MC88913N Datasheet
75Kb / 4P
LOW SKEW CMOS CLOCK DRIVER
MC88914 MOTOROLA-MC88914 Datasheet
77Kb / 4P
LOW SKEW CMOS CLOCK DRIVER WITH RESET
MC88914D MOTOROLA-MC88914D Datasheet
77Kb / 4P
LOW SKEW CMOS CLOCK DRIVER WITH RESET
More results


Similar Description - MC88PL117FN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
Low Skew CMOS PLL Clock Driver
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
LOW SKEW CMOS PLL CLOCK DRIVER
MC88916 MOTOROLA-MC88916 Datasheet
114Kb / 9P
LOW SKEW CMOS PLL CLOCK DRIVER WITH PROCESSOR RESET
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
LOW SKEW CMOS PLL CLOCK DRIVER
MC88LV926 MOTOROLA-MC88LV926 Datasheet
108Kb / 10P
LOW SKEW CMOS PLL 68060 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
MC88LV926 IDT-MC88LV926 Datasheet
283Kb / 11P
Low Skew CMOS PLL 68060 Clock Driver
MC88LV926EGR2 IDT-MC88LV926EGR2 Datasheet
291Kb / 11P
Low Skew CMOS PLL 68060 Clock Driver
logo
Motorola, Inc
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
Low Skew CMOS PLL Clock Driver
logo
Renesas Technology Corp
MPC9315 RENESAS-MPC9315 Datasheet
441Kb / 19P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
October 4, 2016
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com