Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2KBP06 Datasheet (PDF) - Vishay Siliconix

2KBP06 Datasheet PDF - Vishay Siliconix
Part # 2KBP06
Download  2KBP06 Download
File Size   114.5 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Phase Rectifier Bridge, 2 A

2KBP06 Datasheet (PDF)

Go To PDF Page Download Datasheet
2KBP06 Datasheet PDF - Vishay Siliconix

Part # 2KBP06
Download  2KBP06 Click to download

File Size   114.5 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Phase Rectifier Bridge, 2 A

2KBP06 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 2KBP06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2KBP06 IRF-2KBP06 Datasheet
47Kb / 3P
2A single phase rectifier bridge
logo
Vishay Siliconix
2KBP06 VISHAY-2KBP06 Datasheet
105Kb / 4P
Single Phase Rectifier Bridge, 2 A
17-Jun-08
logo
EIC discrete Semiconduc...
2KBP06 EIC-2KBP06 Datasheet
51Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
2KBP06 MCC-2KBP06 Datasheet
279Kb / 3P
2.0 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Vishay Siliconix
2KBP06 VISHAY-2KBP06 Datasheet
112Kb / 5P
Single Phase Rectifier Bridge, 2 A
17-Jun-08
More results


Similar Description - 2KBP06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2KBP VISHAY-2KBP_08 Datasheet
105Kb / 4P
Single Phase Rectifier Bridge, 2 A
17-Jun-08
KBPC8 VISHAY-KBPC8 Datasheet
100Kb / 3P
Single Phase Rectifier Bridge, 8 A
29-Sep-08
KBPC810PBF VISHAY-KBPC810PBF Datasheet
109Kb / 4P
Single Phase Rectifier Bridge, 8 A
29-Sep-08
2KBP10M-E4 VISHAY-2KBP10M-E4 Datasheet
112Kb / 5P
Single Phase Rectifier Bridge, 2 A
17-Jun-08
VS-2KBP VISHAY-VS-2KBP Datasheet
117Kb / 5P
Single Phase Bridge Rectifier, 2 A
22-Dec-16
VS-1KAB-E VISHAY-VS-1KAB-E_V01 Datasheet
112Kb / 5P
Single Phase Rectifier Bridge, 1.2 A
14-Sep-17
VS-2KBP VISHAY-VS-2KBP_V01 Datasheet
116Kb / 5P
Single Phase Bridge Rectifier, 2 A
25-Oct-17
VS-KBPC8 VISHAY-VS-KBPC8_V01 Datasheet
119Kb / 4P
Single Phase Rectifier Bridge, 8 A
18-May-2018
VS-2KBP VISHAY-VS-2KBP_V02 Datasheet
116Kb / 5P
Single Phase Bridge Rectifier, 2 A
25-Oct-17
VS-KBPC8 VISHAY-VS-KBPC8_V02 Datasheet
118Kb / 4P
Single Phase Rectifier Bridge, 8 A
18-May-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com