Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL220K4-G Datasheet (PDF) - Supertex, Inc

CL220K4-G Datasheet PDF - Supertex, Inc
Part # CL220K4-G
Download  CL220K4-G Download
File Size   1164.57 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC

CL220K4-G Datasheet (PDF)

Go To PDF Page Download Datasheet
CL220K4-G Datasheet PDF - Supertex, Inc

Part # CL220K4-G
Download  CL220K4-G Click to download

File Size   1164.57 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC

CL220K4-G Datasheet (HTML) - Supertex, Inc


CL220K4-G Product details

General Description
The Supertex CL220 is a high voltage, temperature compensated, 20mA constant current regulator. The device operates at up to 220V, and is accurate to ±10% over a 5.0 - 160V range. The device can be used as a two terminal constant current source or constant current sink.

Features
► 5.0 to 220V operating range (VA-B)
► 20mA ±10% at 5.0 - 160V
► 0.01% / °C typical temperature coeffcient
► Available in TO-252 (D-PAK) and TO-220 packages
► Can be paralleled for higher current

Applications
► Industrial lamp indicators
► Signage
► Accent lighting
► Constant current source
► Constant current sink




Similar Part No. - CL220K4-G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
CL220K4-G MICROCHIP-CL220K4-G Datasheet
396Kb / 13P
Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
01/27/15
More results


Similar Description - CL220K4-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL2 SUTEX-CL2 Datasheet
256Kb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25 Datasheet
508Kb / 5P
Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL2K4-G SUTEX-CL2K4-G Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL2N8-G SUTEX-CL2N8-G Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25_11 Datasheet
667Kb / 6P
Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL1 SUTEX-CL1_09 Datasheet
804Kb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
logo
Microchip Technology
CL220 MICROCHIP-CL220 Datasheet
396Kb / 13P
Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
01/27/15
CL2 MICROCHIP-CL2 Datasheet
426Kb / 15P
Simple 90V, 20mA, Temperature Compensated
07/14/15
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
LED constant current driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com