Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL25 Datasheet (PDF) - Supertex, Inc

CL25 Datasheet PDF - Supertex, Inc
Part # CL25
Download  CL25 Download
File Size   508.57 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC

CL25 Datasheet (PDF)

Go To PDF Page Download Datasheet
CL25 Datasheet PDF - Supertex, Inc

Part # CL25
Download  CL25 Click to download

File Size   508.57 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC

CL25 Datasheet (HTML) - Supertex, Inc


CL25 Product details

General Description
The Supertex CL25 is a high voltage, temperature compensated, constant current source. The device is trimmed to provide a constant current of 25mA ± 10% at an input voltage of 5-90V. No external components are required. The device can be used as a two terminal constant current source or constant current sink.

Features
► 5.0V to 90V operating range (VA-B)
► 25mA ±10% at 5-90V
► 0.01% / °C typical temperature coeffi cient
► No external components (two terminal device)
► Can be paralleled for higher current

Applications
► LED channel lighting
► Industrial lamp indicators
► Accent lighting




Similar Part No. - CL25

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CL25 ARTESYN-CL25 Datasheet
52Kb / 2P
Single, dual and triple outputs
CL25-7605 ARTESYN-CL25-7605 Datasheet
52Kb / 2P
Single, dual and triple outputs
CL25-7608 ARTESYN-CL25-7608 Datasheet
52Kb / 2P
Single, dual and triple outputs
CL25-7610 ARTESYN-CL25-7610 Datasheet
52Kb / 2P
Single, dual and triple outputs
CL25-7612 ARTESYN-CL25-7612 Datasheet
52Kb / 2P
Single, dual and triple outputs
More results


Similar Description - CL25

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL2 SUTEX-CL2 Datasheet
256Kb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL220 SUTEX-CL220 Datasheet
1Mb / 7P
Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
CL2K4-G SUTEX-CL2K4-G Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL2N8-G SUTEX-CL2N8-G Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25_11 Datasheet
667Kb / 6P
Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL1 SUTEX-CL1_09 Datasheet
804Kb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
logo
Microchip Technology
CL220 MICROCHIP-CL220 Datasheet
396Kb / 13P
Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
01/27/15
CL2 MICROCHIP-CL2 Datasheet
426Kb / 15P
Simple 90V, 20mA, Temperature Compensated
07/14/15
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
LED constant current driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com