Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL25 Datasheet(PDF) 5 Page - Supertex, Inc

Part # CL25
Description  Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL25 Datasheet(HTML) 5 Page - Supertex, Inc

  CL25 Datasheet HTML 1Page - Supertex, Inc CL25 Datasheet HTML 2Page - Supertex, Inc CL25 Datasheet HTML 3Page - Supertex, Inc CL25 Datasheet HTML 4Page - Supertex, Inc CL25 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Doc.# DSFP-CL25
A121506
CL25
3-Lead TO-92 Package Outline (N3)
1 2 3
Seating Plane
1
2
3
Front View
0.175 - 0.205
0.170 - 0.210
0.500 MIN
0.014 - 0.022
0.045 - 0.055
0.095 - 0.105
0.125 - 0.165
0.135 MIN
0.080 - 0.105
0.014 - 0.022
Side View
Top View
Notes:
All dimensions are in millimeters; all angles in degrees.
Exclusion Zone
No Vias/Traces in
this area. Shape
of pad may vary.
3.00 BSC
1.50 BSC
0.5 ± 0.06
0.42 ± 0.06
1.05 ± 0.15
2.45 ± 0.15
4.10 ± 0.15
1.72 ± 0.10
4.50 ± 0.10
2.21 ± 0.08
0.40 ± 0.05
1.50 ± 0.10
Notes:
All dimensions are in millimeters; all angles in degrees.
Top View
Side View
Bottom View
3-Lead TO-243AA (SOT-89) Package Outline (N8)
(The package drawings in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com