Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL25 Datasheet(PDF) 4 Page - Supertex, Inc

Part # CL25
Description  Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL25 Datasheet(HTML) 4 Page - Supertex, Inc

  CL25 Datasheet HTML 1Page - Supertex, Inc CL25 Datasheet HTML 2Page - Supertex, Inc CL25 Datasheet HTML 3Page - Supertex, Inc CL25 Datasheet HTML 4Page - Supertex, Inc CL25 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
CL25
CL25 for Higher Current
VB
VA
CL25
Up to 90V
+VLED(TOTAL)
VB
VA
CL25
I
LED
75mA
VB
VA
CL25
+
_
VLED(TOTAL)
CL25 for Multiple LED Strings
I
LED
25mA
VB
VA
CL25
Up to 90V
+VLED(TOTAL)
I
LED
25mA
VB
VA
CL25
I
LED
25mA
VB
VA
CL25
I
LED
25mA
VB
VA
CL25
+
-
VLED(TOTAL)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com