Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL25 Datasheet(PDF) 2 Page - Supertex, Inc

Part # CL25
Description  Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL25 Datasheet(HTML) 2 Page - Supertex, Inc

  CL25 Datasheet HTML 1Page - Supertex, Inc CL25 Datasheet HTML 2Page - Supertex, Inc CL25 Datasheet HTML 3Page - Supertex, Inc CL25 Datasheet HTML 4Page - Supertex, Inc CL25 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
CL25
Ordering Information
Device
Package Options
TO-92
TO-243AA (SOT-89)
CL25
CL25N3-G
CL25N8-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
Operating voltage, V
A-B
100V
Operating junction temperature, T
J
-40°C to +125°C
Storage temperature, T
S
-55°C to +150°C
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Thermal Characteristics
Package
Power
Dissipation
@T
A = 25
OC
θ
JC
OC/W
θ
JA
OC/W
TO-92
0.6W
125
170
TO-243AA (SOT-89)
1.3W*
15
78*
Pin Configuration
* Mounted on FR4 board; 25mm x 25mm x 1.57mm
Symbol
Parameter
Min
Typ
Max
Units
Conditions
V
A-B
Operating voltage
5
-
90
V
---
I
A-B
Current regulation
22.5
25
27.5
mA
V
A-B =
5V - 90V
ΔI
A-B/ΔT
I
A-B temperature coefficient
-
0.01
-
%/OCV
A-B = 45V, TJ = -40
OC to +100OC
T
J
Operating junction temperature
-40
-
125
OC
---
R
A-B
Dynamic resistance
-
300k
-
Ω
---
Electrical Characteristics
(T
J=25°C unless otherwise specified)
Functional Circuit Diagram
Equivalent Block Diagram
TO-243AA
(top view)
VA NC VB
TO-92
(front view)
VA
NC
VB
VB
NC = No Connect
VA
Control Circuit
and Temperature
Compensation
VB
25mA
±10%
VA
VB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com