Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM1510 Datasheet (PDF) - Tiger Electronic Co.,Ltd

MM1510 Datasheet PDF - Tiger Electronic Co.,Ltd
Part # MM1510
Download  MM1510 Download
File Size   257.27 Kbytes
Page   5 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 6dB Amplifier with 75OHM Driver

MM1510 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM1510 Datasheet PDF - Tiger Electronic Co.,Ltd

Part # MM1510
Download  MM1510 Click to download

File Size   257.27 Kbytes
Page   5 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 6dB Amplifier with 75OHM Driver

MM1510 Datasheet (HTML) - Tiger Electronic Co.,Ltd


MM1510 Product details

DESCRIPTION
This IC is for video signal/chroma signal 75Ω driver, It is ideal for video signal output in devices ranging from portable digital still cameras to stationary equipment such as DVD players. The built-in amp gain on this IC is 6dB and also with input clamp, allowing support for a range of video signals, not just composite signals.

FEATURE
● Low power consumption achieved.
● Low power supply voltage realized.
● Frequency bandwidth without 75Ω driver:10MHz with75Ω driver:7MHz
● Cross talk 70dB When 4.43Mhz
● With SAG measures pin(75Ω driver and Y/C mix driv er)

APPLICATIONS
● TV
● VTR
● Video camera
● Digital still camera
● Other visual equipment




Similar Part No. - MM1510

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1510 MITSUMI-MM1510 Datasheet
352Kb / 14P
Video Switch 쨌 75??driver 쨌 Y/C mix
More results


Similar Description - MM1510

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2244 NJRC-NJM2244 Datasheet
203Kb / 5P
3-INPUT VIDEO SWITCH WITH 75OHM DRIVER?
NJM2267 NJRC-NJM2267 Datasheet
342Kb / 10P
DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER
NJM2268 NJRC-NJM2268 Datasheet
388Kb / 11P
DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER?
logo
Rohm
BA7660FS ROHM-BA7660FS_1 Datasheet
171Kb / 6P
3ch 75ohm driver
logo
Unisonic Technologies
V2267 UTC-V2267_12 Datasheet
265Kb / 8P
DUAL VIDEO 6dB AMPLIFIER WITH 75廓 DRIVER
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111_15 Datasheet
283Kb / 11P
Video Driver with 6dB Gain
SGM9114 SGMICRO-SGM9114 Datasheet
319Kb / 11P
Video Driver with 6dB Gain
SGM9117 SGMICRO-SGM9117_15 Datasheet
296Kb / 10P
6dB Video Driver
SGM9122 SGMICRO-SGM9122 Datasheet
256Kb / 10P
Dual Video Driver with 6dB Gain
SGM9122 SGMICRO-SGM9122_16 Datasheet
264Kb / 10P
Dual Video Driver with 6dB Gain
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com