Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBA820M Datasheet (PDF) - Tiger Electronic Co.,Ltd

TBA820M Datasheet PDF - Tiger Electronic Co.,Ltd
Part # TBA820M
Download  TBA820M Download
File Size   209.72 Kbytes
Page   5 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 1.2W AUDIO POWER AMPLIFIER

TBA820M Datasheet (PDF)

Go To PDF Page Download Datasheet
TBA820M Datasheet PDF - Tiger Electronic Co.,Ltd

Part # TBA820M
Download  TBA820M Click to download

File Size   209.72 Kbytes
Page   5 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 1.2W AUDIO POWER AMPLIFIER

TBA820M Datasheet (HTML) - Tiger Electronic Co.,Ltd


TBA820M Product details

GENERAL DESCRIPTION
The TBA820M is a monolithic integrated circuit in 8 lead dual in-line plastic package. It is intended for use aslow frequency class B power amplifier in portable cassette players and radios.

FEATURES
● Wide range of supply voltage : Vcc=3V~16V in
   portable radios, cassette recorders and players etc.
   Main features are : minimum working supply voltage of 3V
● Low quiescent supply current ( Icc=4mA , typical)
● Good ripple rejection
● Low number of external components
● No crossover distortion
● Low power dissipation
   Output Power : Po=2W at 12V/8Ω , 1.6W at 9V/4Ω and 1.2W at 9V/8Ω




Similar Part No. - TBA820M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TBA820M STMICROELECTRONICS-TBA820M Datasheet
79Kb / 6P
1.2W AUDIO AMPLIFIER
Jun-1988
logo
Unisonic Technologies
TBA820M UTC-TBA820M Datasheet
94Kb / 5P
1.2W AUDIO POWER AMPLIFIER
TBA820M UTC-TBA820M Datasheet
117Kb / 5P
1.2W AUDIO POWER AMPLIFIER
TBA820M-D08-T UTC-TBA820M-D08-T Datasheet
94Kb / 5P
1.2W AUDIO POWER AMPLIFIER
TBA820M-D08-T UTC-TBA820M-D08-T Datasheet
117Kb / 5P
1.2W AUDIO POWER AMPLIFIER
More results


Similar Description - TBA820M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1294 NTE-NTE1294 Datasheet
23Kb / 3P
Integrated Circuit Audio Power Amplifier, 1.2W
NTE1704 NTE-NTE1704 Datasheet
18Kb / 2P
Integrated Circuit Audio Power Amplifier, 1.2W
logo
Panasonic Semiconductor
AN7110 PANASONIC-AN7110 Datasheet
72Kb / 3P
1.2W Audio Power Amplifier
logo
STMicroelectronics
TBA820M STMICROELECTRONICS-TBA820M Datasheet
79Kb / 6P
1.2W AUDIO AMPLIFIER
Jun-1988
logo
Samsung semiconductor
KA2201 SAMSUNG-KA2201 Datasheet
83Kb / 4P
1.2W AUDIO POWER AMP
S1A2201X01 SAMSUNG-S1A2201X01 Datasheet
85Kb / 4P
1.2W AUDIO POWER AMP
logo
Wuxi Youda electronics ...
YD820 YOUDA-YD820 Datasheet
79Kb / 4P
1.2W AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TBA820M UTC-TBA820M Datasheet
94Kb / 5P
1.2W AUDIO POWER AMPLIFIER
TBA820M UTC-TBA820M_10 Datasheet
117Kb / 5P
1.2W AUDIO POWER AMPLIFIER
logo
SG Micro Corp
SGM4891 SGMICRO-SGM4891 Datasheet
295Kb / 11P
1.2W Audio Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com