Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2201 Datasheet (PDF) - Samsung semiconductor

KA2201 Datasheet PDF - Samsung semiconductor
Part # KA2201
Download  KA2201 Download
File Size   83.82 Kbytes
Page   4 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 1.2W AUDIO POWER AMP

KA2201 Datasheet (PDF)

Go To PDF Page Download Datasheet
KA2201 Datasheet PDF - Samsung semiconductor

Part # KA2201
Download  KA2201 Click to download

File Size   83.82 Kbytes
Page   4 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 1.2W AUDIO POWER AMP

KA2201 Datasheet (HTML) - Samsung semiconductor


KA2201 Product details

INTRODUCTION

The KA2201 is a monolithic integrated audio amplifier. It is designed

for audio frequency class B amplifier.

FEATURES

· Wide operating supply voltage: VCC = 3V~ 14V

· Medium output power.

PO =1.2W at VCC =9V, RL =8W, THD = 10%.

· Low quiescent circuit current (ICCQ = 4mA: Typ).

· Good ripple rejection.

· Minimum number of external parts required.




Similar Part No. - KA2201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KA2201 ETC2-KA2201 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
SYC Electronica
KA2201 SYC-KA2201 Datasheet
119Kb / 4P
1.2W AUDIO POWER AMP
More results


Similar Description - KA2201

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1294 NTE-NTE1294 Datasheet
23Kb / 3P
Integrated Circuit Audio Power Amplifier, 1.2W
NTE1704 NTE-NTE1704 Datasheet
18Kb / 2P
Integrated Circuit Audio Power Amplifier, 1.2W
logo
Panasonic Semiconductor
AN7110 PANASONIC-AN7110 Datasheet
72Kb / 3P
1.2W Audio Power Amplifier
logo
STMicroelectronics
TBA820M STMICROELECTRONICS-TBA820M Datasheet
79Kb / 6P
1.2W AUDIO AMPLIFIER
Jun-1988
logo
Samsung semiconductor
S1A2201X01 SAMSUNG-S1A2201X01 Datasheet
85Kb / 4P
1.2W AUDIO POWER AMP
logo
Wuxi Youda electronics ...
YD820 YOUDA-YD820 Datasheet
79Kb / 4P
1.2W AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TBA820M UTC-TBA820M Datasheet
94Kb / 5P
1.2W AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TBA820M TGS-TBA820M Datasheet
209Kb / 5P
1.2W AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TBA820M UTC-TBA820M_10 Datasheet
117Kb / 5P
1.2W AUDIO POWER AMPLIFIER
logo
SG Micro Corp
SGM4891 SGMICRO-SGM4891 Datasheet
295Kb / 11P
1.2W Audio Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com