Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2201 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KA2201
Description  1.2W AUDIO POWER AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2201 Datasheet(HTML) 1 Page - Samsung semiconductor

  KA2201 Datasheet HTML 1Page - Samsung semiconductor KA2201 Datasheet HTML 2Page - Samsung semiconductor KA2201 Datasheet HTML 3Page - Samsung semiconductor KA2201 Datasheet HTML 4Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KA2201
1.2W AUDIO POWER AMP
INTRODUCTION
The KA2201 is a monolithic integrated audio amplifier. It is designed
for audio frequency class B amplifier.
FEATURES
• Wide operating supply voltage: V
CC = 3V~ 14V
• Medium output power.
PO =1.2W at VCC =9V, RL =8
Ω, THD = 10%.
• Low quiescent circuit current (I
CCQ = 4mA: Typ).
• Good ripple rejection.
• Minimum number of external parts required.
ORDERING INFORMATION
BLOCK DIAGRAM
Fig. 1
Device
Package
Operating Temperature
KA2201
8-DIP-300
-20
°C ~ + 70°C
8-DIP-300


Similar Part No. - KA2201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KA2201 ETC2-KA2201 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
SYC Electronica
KA2201 SYC-KA2201 Datasheet
119Kb / 4P
1.2W AUDIO POWER AMP
More results

Similar Description - KA2201

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1294 NTE-NTE1294 Datasheet
23Kb / 3P
Integrated Circuit Audio Power Amplifier, 1.2W
NTE1704 NTE-NTE1704 Datasheet
18Kb / 2P
Integrated Circuit Audio Power Amplifier, 1.2W
logo
Panasonic Semiconductor
AN7110 PANASONIC-AN7110 Datasheet
72Kb / 3P
1.2W Audio Power Amplifier
logo
STMicroelectronics
TBA820M STMICROELECTRONICS-TBA820M Datasheet
79Kb / 6P
1.2W AUDIO AMPLIFIER
Jun-1988
logo
Samsung semiconductor
S1A2201X01 SAMSUNG-S1A2201X01 Datasheet
85Kb / 4P
1.2W AUDIO POWER AMP
logo
Wuxi Youda electronics ...
YD820 YOUDA-YD820 Datasheet
79Kb / 4P
1.2W AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TBA820M UTC-TBA820M Datasheet
94Kb / 5P
1.2W AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TBA820M TGS-TBA820M Datasheet
209Kb / 5P
1.2W AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TBA820M UTC-TBA820M_10 Datasheet
117Kb / 5P
1.2W AUDIO POWER AMPLIFIER
logo
SG Micro Corp
SGM4891 SGMICRO-SGM4891 Datasheet
295Kb / 11P
1.2W Audio Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com