Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N2929 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N2929 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N2929
Download  1N2929 Download
File Size   61.59 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Germanium Diode

1N2929 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N2929 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N2929
Download  1N2929 Click to download

File Size   61.59 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Germanium Diode

1N2929 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


1N2929 Product details

TUNNEL DIODES

ABSOLUTE MAXIMUM RATINGS
Operating Temperature: -65°C to +150°C.
Storage Temperature: -65°C to +200°C.
Lead Temperature (.25-inches from case for 10 seconds): +250°C.




Similar Part No. - 1N2929

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N2929 NJSEMI-1N2929 Datasheet
302Kb / 1P
TUNNEL DIODES
1N2929A NJSEMI-1N2929A Datasheet
302Kb / 1P
TUNNEL DIODES
More results


Similar Description - 1N2929

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1N34A CENTRAL-1N34A Datasheet
51Kb / 1P
GERMANIUM DIODE
logo
New Jersey Semi-Conduct...
1N34AS NJSEMI-1N34AS Datasheet
71Kb / 1P
GERMANIUM DIODE
1N67A NJSEMI-1N67A Datasheet
86Kb / 1P
GERMANIUM DIODE
1N68A NJSEMI-1N68A Datasheet
77Kb / 1P
GERMANIUM DIODE
1N87A NJSEMI-1N87A Datasheet
68Kb / 1P
GERMANIUM DIODE
1N478 NJSEMI-1N478 Datasheet
90Kb / 1P
GERMANIUM DIODE
1N541 NJSEMI-1N541 Datasheet
85Kb / 1P
Germanium Diode
1N3470 NJSEMI-1N3470 Datasheet
77Kb / 1P
Germanium Diode
1N4502 NJSEMI-1N4502 Datasheet
92Kb / 1P
GERMANIUM DIODE
logo
List of Unclassifed Man...
OA81 ETC2-OA81 Datasheet
494Kb / 5P
Germanium Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com