Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N2929 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N2929 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N2929
Download  1N2929 Download
File Size   302.47 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description TUNNEL DIODES

1N2929 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N2929 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N2929
Download  1N2929 Click to download

File Size   302.47 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description TUNNEL DIODES

1N2929 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


1N2929 Product details

TUNNEL DIODES

ABSOLUTE MAXIMUM RATINGS
Operating Temperature: -65°C to +150°C.
Storage Temperature: -65°C to +200°C.
Lead Temperature (.25-inches from case for 10 seconds): +250°C.




Similar Part No. - 1N2929

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N2929 NJSEMI-1N2929 Datasheet
61Kb / 1P
Germanium Diode
More results


Similar Description - 1N2929

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
BD-1 AMMSEMI-BD-1 Datasheet
142Kb / 1P
tunnel diodes
BD-2 AMMSEMI-BD-2 Datasheet
142Kb / 1P
tunnel diodes
BD-5 AMMSEMI-BD-5 Datasheet
142Kb / 1P
tunnel diodes
BD-6 AMMSEMI-BD-6 Datasheet
142Kb / 1P
tunnel diodes
TD-9 AMMSEMI-TD-9 Datasheet
142Kb / 1P
tunnel diodes
TD-262 AMMSEMI-TD-262 Datasheet
142Kb / 1P
tunnel diodes
TD-263 AMMSEMI-TD-263 Datasheet
142Kb / 1P
tunnel diodes
TD-265 AMMSEMI-TD-265 Datasheet
142Kb / 1P
tunnel diodes
TD-266 AMMSEMI-TD-266 Datasheet
142Kb / 1P
tunnel diodes
TD-266A AMMSEMI-TD-266A Datasheet
142Kb / 1P
tunnel diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com