Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN612 Datasheet (PDF) - Tiger Electronic Co.,Ltd

TYN612 Datasheet PDF - Tiger Electronic Co.,Ltd
Part # TYN612
Download  TYN612 Download
File Size   90.37 Kbytes
Page   1 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description Glass passivated thyristors in a plastic envelope

TYN612 Datasheet (PDF)

Go To PDF Page Download Datasheet
TYN612 Datasheet PDF - Tiger Electronic Co.,Ltd

Part # TYN612
Download  TYN612 Click to download

File Size   90.37 Kbytes
Page   1 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description Glass passivated thyristors in a plastic envelope

TYN612 Datasheet (HTML) - Tiger Electronic Co.,Ltd


TYN612 Product details

DESCRIPTION

Glass passivated thyristors in a plastic envelope, intended for use in applications requiring high bidirectional blocking voltage capability and high thermal cycling performance. Typical applications include motor control, industrial and domestic lighting, heating and static switching.




Similar Part No. - TYN612

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN612 STMICROELECTRONICS-TYN612 Datasheet
122Kb / 11P
SENSITIVE & STANDARD(12A SCRs)
14-Oct-2005
TYN612 STMICROELECTRONICS-TYN612 Datasheet
71Kb / 5P
HIGH SURGE CAPABILITY HIGH ON-STATE CURRENT HIGH STABILITY AND RELIABILITY
Apr-1995
TYN612 STMICROELECTRONICS-TYN612 Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
logo
Inchange Semiconductor ...
TYN612 ISC-TYN612 Datasheet
226Kb / 2P
isc Thyristors
logo
HAOPIN MICROELECTRONICS...
TYN612 HAOPIN-TYN612 Datasheet
346Kb / 6P
Blocking voltage to 600 V
More results


Similar Description - TYN612

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TYN610 TGS-TYN610 Datasheet
90Kb / 1P
Glass passivated thyristors in a plastic envelope
logo
Kersemi Electronic Co.,...
BT137S-600E KERSEMI-BT137S-600E Datasheet
947Kb / 5P
Glass passivated triacs in a plastic
BT137S-600D KERSEMI-BT137S-600D Datasheet
947Kb / 5P
Glass passivated triacs in a plastic
BT134W-600D KERSEMI-BT134W-600D Datasheet
693Kb / 6P
Glass passivated triacs in a plastic
BT134W-500E KERSEMI-BT134W-500E Datasheet
693Kb / 6P
Glass passivated triacs in a plastic
BT134W-500D KERSEMI-BT134W-500D Datasheet
693Kb / 6P
Glass passivated triacs in a plastic
BT134-600D KERSEMI-BT134-600D Datasheet
765Kb / 4P
Glass passivated triacs in a plastic
BT136-500D KERSEMI-BT136-500D Datasheet
760Kb / 4P
Glass passivated triacs in a plastic
logo
First Silicon Co., Ltd
BT04F-600B FS-BT04F-600B Datasheet
287Kb / 3P
Glass passivated triacs in a plastic envelope
BT136-600 FS-BT136-600 Datasheet
293Kb / 3P
Glass passivated triacs in a plastic envelope
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com