Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN612 Datasheet (PDF) - STMicroelectronics

TYN612 Datasheet PDF - STMicroelectronics
Part # TYN612
Download  TYN612 Download
File Size   122.63 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SENSITIVE & STANDARD(12A SCRs)

TYN612 Datasheet (PDF)

Go To PDF Page Download Datasheet
TYN612 Datasheet PDF - STMicroelectronics

Part # TYN612
Download  TYN612 Click to download

File Size   122.63 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SENSITIVE & STANDARD(12A SCRs)

TYN612 Datasheet (HTML) - STMicroelectronics


TYN612 Product details

DESCRIPTION

Available either in sensitive (TS12) or standard (TYN, TN12...) gate triggering levels, the 12A SCR

series is suitable to fit all modes of control found in applications such as overvoltage crowbar

protection, motor control circuits in power tools and kitchen aids, in-rush current limiting circuits,

capacitive discharge ignition, voltage regulation circuits...

Available in though-hole or surface-mount packages, they provide an optimized performance

in a limited space area.



 




Similar Part No. - TYN612

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN612 STMICROELECTRONICS-TYN612 Datasheet
71Kb / 5P
HIGH SURGE CAPABILITY HIGH ON-STATE CURRENT HIGH STABILITY AND RELIABILITY
Apr-1995
logo
Tiger Electronic Co.,Lt...
TYN612 TGS-TYN612 Datasheet
90Kb / 1P
Glass passivated thyristors in a plastic envelope
logo
STMicroelectronics
TYN612 STMICROELECTRONICS-TYN612 Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
logo
Inchange Semiconductor ...
TYN612 ISC-TYN612 Datasheet
226Kb / 2P
isc Thyristors
logo
HAOPIN MICROELECTRONICS...
TYN612 HAOPIN-TYN612 Datasheet
346Kb / 6P
Blocking voltage to 600 V
More results


Similar Description - TYN612

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
Sensitive and Standard SCRs, 8A
12PT06AI-S NELLSEMI-12PT06AI-S Datasheet
1Mb / 7P
Sensitive and Standard SCRs, 12A
logo
Thinki Semiconductor Co...
TYN612T THINKISEMI-TYN612T Datasheet
677Kb / 6P
SENSITIVE & STANDARD(12A SCRs)
MCR310-10G THINKISEMI-MCR310-10G Datasheet
586Kb / 3P
SENSITIVE & STANDARD(10A SCRs)
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
Sensitive and Standard SCRs, 12A
logo
Littelfuse
S8008DRP LITTELFUSE-S8008DRP Datasheet
411Kb / 1P
8 Amp Sensitive Standard SCRs
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
Sensitive and Standard SCRs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com