Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN612 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TYN612
Description  SENSITIVE & STANDARD(12A SCRs)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN612 Datasheet(HTML) 4 Page - STMicroelectronics

  TYN612 Datasheet HTML 1Page - STMicroelectronics TYN612 Datasheet HTML 2Page - STMicroelectronics TYN612 Datasheet HTML 3Page - STMicroelectronics TYN612 Datasheet HTML 4Page - STMicroelectronics TYN612 Datasheet HTML 5Page - STMicroelectronics TYN612 Datasheet HTML 6Page - STMicroelectronics TYN612 Datasheet HTML 7Page - STMicroelectronics TYN612 Datasheet HTML 8Page - STMicroelectronics TYN612 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TN12, TS12 and TYNx12 Series
4/11
Figure 3: Average and D.C. on-state current
versus ambient temperature (device mounted
on FR4 with recommended pad layout) (DPAK)
Figure
4:
Relative
variation
of
thermal
impedance junction to case versus pulse
duration
Figure
5:
Relative
variation
of
thermal
impedance junction to ambient versus pulse
duration (recommended pad layout, FR4 PC
board for DPAK)
Figure 6: Relative variation of gate trigger
current and holding current versus junction
temperature for TS8 series
Figure 7: Relative variation of gate trigger
current and holding current versus junction
temperature for TN8 & TYN08 series
Figure 8: Relative variation of holding current
versus
gate-cathode
resistance
(typical
values) for TS8 series
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I
(A)
T(AV)
T
(°C)
amb
α = 180°
D.C.
DPAK
2
DPAK
1E-3
1E-2
1E-1
1E+0
0.1
0.2
0.5
1.0
K=[Z
/R
th(j-c)
th(j-c)]
t (s)
p
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
0.01
0.10
1.00
K=[Z
/R
th(j-a)
th(j-a)]
t (s)
p
DPAK
TO-220AB / IPAK
DPAK
2
-40
-20
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
T (°C)
j
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
IGT
IH & I
R= 1k
L
GK
Ω
-40
-20
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
T (°C)
j
IGT
IH & IL
1E-2
1E-1
1E+0
1E+1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R(k )
GK
Ω
I [R
] / I [
=1k ]
HGK
H
Ω
RGK
Tj = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com