Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC92501GC Datasheet (PDF) - Motorola, Inc

MC92501GC Datasheet PDF - Motorola, Inc
Part # MC92501GC
Download  MC92501GC Download
File Size   283.27 Kbytes
Page   52 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description ATM Cell Processor

MC92501GC Datasheet (PDF)

Go To PDF Page Download Datasheet
MC92501GC Datasheet PDF - Motorola, Inc

Part # MC92501GC
Download  MC92501GC Click to download

File Size   283.27 Kbytes
Page   52 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description ATM Cell Processor

MC92501GC Datasheet (HTML) - Motorola, Inc


MC92501GC Product details

The MC92501 is an Asynchronous Transfer Mode (ATM) Cell Processor layer device composed of dedicated high-performance ingress and egress cell processors combined with UTOPIA Level 2-compliant physical (PHY) and UTOPIA Level 1-compliant switch interface (see Figure 1). It integrates address translation, UPC/NPC, OAM, and statistical functions into a single semiconductor device.



New Features in the MC92501

• Implements ATM Layer functions for Broadband ISDN according to ANSI recommendations, ATM Forum UNI 4.0 and TM 4.0 Specifications, ITU recommendations, and Bellcore recommendations.

• Provides ABR Relative Rate marking and EFCI marking according to TM 4.0

• Select Discard CLP = 1 (or CLP = 0 + 1) Flow on selected connections

• UTOPIA Level 2 PHY Interface and UTOPIA ATM Layer Interface

• Supports both Partial Packet Discard (PPD) and Early Packet Discard (EPD)

• Change ABR RM Cell priority

• Supports CLP transparency

• Unidirectional (Ingress or Egress) UPC or NPC



Standard ATMC Features in the MC92500 Family

• Full duplex operation at data rates up to 155 Mbps

• Performs internal VPI and VCI address compression for up to 64 K VCs

• CLP-Aware peak, average, and burst-length policing with programmable Tag/Drop action per policer

• Supports up to 16 physical links unsing dedicated Ingress/Egress multiPHY control signals

• Each physical link can be configured as either a UNI or NNI port

• Supports multicast, multiport address translation

• Maintains both virtual connection and physical link counters on both Ingress and Egress cell flows

• Provides a flexible 32-bit external memory port for context management

• Automated AIS, RDI, CC, and loopback functions with performance monitoring block test on all 64 K connections

• Programmable 32-bit microprocessor interface supporting Big-Endian or Little Endian bus formats

• Unidirectional (Ingress only) UPC or NPC design with up to four leaky buckets per connection

• Supports a programmable number of additional switch overhead parameters allowing adaptiation to any switch routing header format

• Provides per-link cell counters in both directions



 




Similar Part No. - MC92501GC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC92501 NXP-MC92501 Datasheet
236Kb / 6P
OC-3/STM-1 ATM Cell Processor
9/10/98
More results


Similar Description - MC92501GC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC92500 MOTOROLA-MC92500 Datasheet
261Kb / 42P
ATM Cell Processor
logo
PMC-Sierra, Inc
PM7375 PMC-PM7375 Datasheet
119Kb / 4P
ATM SAR and PHY Processor for PCI Bus
logo
Agere Systems
T8208 AGERE-T8208 Datasheet
4Mb / 214P
ATM Interconnect
September 2001
logo
List of Unclassifed Man...
IDT77V400 ETC1-IDT77V400 Datasheet
612Kb / 26P
SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
logo
Integrated Device Techn...
IDT77V500 IDT-IDT77V500 Datasheet
458Kb / 17P
SwitchStar ATM Cell Based 1.2Gbps non-blocking Integrated Switch Controller
logo
Agere Systems
TAAD08JU2 AGERE-TAAD08JU2 Datasheet
2Mb / 174P
T1/E1/J1 ATM Processor, Versions 2.1 and 3.1
August 18, 2003
logo
Actel Corporation
MC-ACT-UL2PHY ACTEL-MC-ACT-UL2PHY Datasheet
231Kb / 4P
ATM cell processors ATM switch fabrics
logo
PMC-Sierra, Inc
PM7375-1 PMC-PM7375-1 Datasheet
65Kb / 2P
ATM SAR and PHY Processor for PCI Bus
logo
NXP Semiconductors
MC92501 NXP-MC92501 Datasheet
236Kb / 6P
OC-3/STM-1 ATM Cell Processor
9/10/98
logo
Renesas Technology Corp
IDT77V500 RENESAS-IDT77V500 Datasheet
643Kb / 18P
SwitchStarTM ATM Cell Based 1.2Gbps non-blocking Integrated Switch Controller
April 11, 2001
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com