Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7375 Datasheet (PDF) - PMC-Sierra, Inc

PM7375 Datasheet PDF - PMC-Sierra, Inc
Part # PM7375
Download  PM7375 Download
File Size   119.59 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description ATM SAR and PHY Processor for PCI Bus

PM7375 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM7375 Datasheet PDF - PMC-Sierra, Inc

Part # PM7375
Download  PM7375 Click to download

File Size   119.59 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description ATM SAR and PHY Processor for PCI Bus

PM7375 Datasheet (HTML) - PMC-Sierra, Inc


PM7375 Product details

DESCRIPTION
The PM7375 LASAR-155 Local ATM Segmentation and Reassembly & Physical Layer device is a monolithic integrated circuit that implements SONET/SDH transmission convergence, ATM cell mapping, ATM Adaptation Layer, and PCI Bus memory management functions for a 155.52 or 51.84 Mbit/s ATM User Network Interface.

FEATURES
• Single-chip Peripheral Component Interface (PCI) Bus Local ATM Network Interface using SONET/SDH framing at 155.52 or 51.84 Mbit/s and ATM Adaptation Layer 5 (AAL-5).
• Implements the ATM Physical Layer according to the ATM Forum User Network Interface Specification and ITU-TS Recommendation I.432, and the ATM Adaptation Layer Type 5 (AAL-5) for Broadband ISDN according to ITU-TS Recommendation I.363.
• Provides a direct interface to multimode or single mode optical modules or twisted pair wiring (UTP-5) modules, with on-chip clock recovery and clock synthesis.
• Directly supports a 32-bit PCI bus interface for configuration, monitoring and transfer of packet data, with an on-chip DMA controller with scatter/gather capabilities. Other 32 bit system buses can be accommodated using external glue logic.
• Provides an on-chip 96 cell receive buffer to accommodate up to 270 µs of PCI Bus latency.
• Provides a optional microprocessor port with master and slave capabilities.
• Provides a SCI-PHY and Utopia compliant interface for connection to external PHY layer devices.
• Supports simultaneous segmentation and reassembly of 128 virtual circuits (VCs) in both transmit and receive directions.
• Provides leaky bucket peak cell rate enforcement using 8 programmable peak queues coupled with sub peak control on a per VC basis; provides sustainable cell rate enforcement using the programmable peak cell rate queues and per VC token bucket averaging; and provides aggregate peak cell rate enforcement.
• Provides a generic constant bit-rate (CBR) port.
• Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board test purposes.
• Low power, 0.6 micron, +5 Volt CMOS technology.
• 208 copper slugged plastic quad flat pack (PQFP) package.

APPLICATIONS
• ATM Workstations and Servers
• ATM Bridges, Switches and Hubs
• Multimedia Terminals




Similar Part No. - PM7375

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7375 PMC-PM7375 Datasheet
1Mb / 430P
LOCAL ATM SAR & PHYSICAL LAYER
PM7375 PMC-PM7375 Datasheet
65Kb / 2P
ATM SAR and PHY Processor for PCI Bus
PM7375-1 PMC-PM7375-1 Datasheet
65Kb / 2P
ATM SAR and PHY Processor for PCI Bus
PM7375-SC PMC-PM7375-SC Datasheet
1Mb / 430P
LOCAL ATM SAR & PHYSICAL LAYER
More results


Similar Description - PM7375

ManufacturerPart #DatasheetDescription
logo
NEC
UPD98401A NEC-UPD98401A Datasheet
216Kb / 36P
ATM SAR CHIP
UPD98405 NEC-UPD98405 Datasheet
333Kb / 64P
155M ATM INTEGRATED SAR CONTROLLER
UPD98409 NEC-UPD98409 Datasheet
402Kb / 36P
ATM LIGHT SAR CONTROLLER
logo
PMC-Sierra, Inc
PM7375 PMC-PM7375 Datasheet
1Mb / 430P
LOCAL ATM SAR & PHYSICAL LAYER
logo
Integrated Device Techn...
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Texas Instruments
XIO2200A TI-XIO2200A Datasheet
2Mb / 197P
PCI Express to PCI Bus Translation Bridge with 1394a OHCI and Two-Port PHY
logo
Integrated Device Techn...
IDT77252 IDT-IDT77252 Datasheet
134Kb / 17P
155 Mbps ATM SAR Controller With ABR Support for PCI-based Networking Applications
logo
Texas Instruments
XIO2200A TI-XIO2200A_12 Datasheet
2Mb / 203P
PCI Express to PCI Bus Translation Bridge with 1394a OHCI and Two-Port PHY
logo
PMC-Sierra, Inc
PM7375-1 PMC-PM7375-1 Datasheet
65Kb / 2P
ATM SAR and PHY Processor for PCI Bus
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com