Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD98405 Datasheet (PDF) - NEC

UPD98405 Datasheet PDF - NEC
Part # UPD98405
Download  UPD98405 Download
File Size   333.7 Kbytes
Page   64 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 155M ATM INTEGRATED SAR CONTROLLER

UPD98405 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD98405 Datasheet PDF - NEC

Part # UPD98405
Download  UPD98405 Click to download

File Size   333.7 Kbytes
Page   64 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 155M ATM INTEGRATED SAR CONTROLLER

UPD98405 Datasheet (HTML) - NEC


UPD98405 Product details

DESCRIPTION

The µPD98405 (NEASCOT-S20TM) is a high-performance SAR chip that performs segmentation and reassembly of ATM cells. It has a PCI bus interface, a SONET/SDH 155-Mbps framer, and a clock recovery circuit and supports an ABR function in hardware. The µPD98405 conforms to ATM Forum and has the functions of the AAL-5 SAR sublayer, ATM layer, and TC sublayer.



FEATURES

• Conforms to ATM Forum.

• Host bus interface supporting PCI bus/generic bus.

- PCI interface (5/3.3 V, 32/64 bits, 33 MHz): Conforms to PCI Specification 2.1

- Generic bus interface (5/3.3 V, 32 bits, 33 MHz)

• AAL-5 SAR sublayer, ATM layer, and TC sublayer functions

• Hardware support of AAL-5 processing

• Software support of non-AAL-5 traffic

• SONET STS-3c/SDH STM-1 155-Mbps framer function

• Clock recovery/clock synthesizer function

• Supports up to 32 K virtual channels (VCs)

• Sixteen traffic shapers for VBR for transmission scheduling

• Hardware support of CBR/VBR/ABR/UBR service

• Supports multi-cell burst transfer for transmission and reception

• MIB counter function

• Supports LAN emulation function

• Receive FIFO of 96 cells

• External PHY devices connectable: UTOPIA Level-1 interface

• 0.35-µm CMOS process, +5-/3.3-V power supply

- Bus interface +5 V: +5-/3.3-V power supply

- Bus interface +3.3 V: +3.3-V power supply

• 304-pin plastic QFP




Similar Part No. - UPD98405

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD98405 RENESAS-UPD98405 Datasheet
587Kb / 68P
MOS INTEGRATED CIRCUIT
1999
UPD98405GL-PMU RENESAS-UPD98405GL-PMU Datasheet
587Kb / 68P
MOS INTEGRATED CIRCUIT
1999
UPD98405S1-6C RENESAS-UPD98405S1-6C Datasheet
587Kb / 68P
MOS INTEGRATED CIRCUIT
1999
More results


Similar Description - UPD98405

ManufacturerPart #DatasheetDescription
logo
NEC
UPD98401A NEC-UPD98401A Datasheet
216Kb / 36P
ATM SAR CHIP
UPD98409 NEC-UPD98409 Datasheet
402Kb / 36P
ATM LIGHT SAR CONTROLLER
logo
PMC-Sierra, Inc
PM7375 PMC-PM7375 Datasheet
1Mb / 430P
LOCAL ATM SAR & PHYSICAL LAYER
logo
Mitel Networks Corporat...
MT90500 MITEL-MT90500 Datasheet
514Kb / 159P
Multi-Channel ATM AAL1 SAR
logo
Infineon Technologies A...
PXF4225E INFINEON-PXF4225E Datasheet
638Kb / 2P
ATM Interworking Controller
2003
logo
Motorola, Inc
MPC860SAR MOTOROLA-MPC860SAR Datasheet
45Kb / 16P
ATM communication controller
logo
Integrated Device Techn...
IDT77252 IDT-IDT77252 Datasheet
134Kb / 17P
155 Mbps ATM SAR Controller With ABR Support for PCI-based Networking Applications
logo
M/A-COM Technology Solu...
28236-BRF-001-A MA-COM-28236-BRF-001-A Datasheet
515Kb / 4P
OC-3 ATM SAR Controller with UTOPIA Level 2
28236-BRF-001-A MA-COM-28236-BRF-001-A_15 Datasheet
515Kb / 4P
OC-3 ATM SAR Controller with UTOPIA Level 2
logo
PMC-Sierra, Inc
PM7375-1 PMC-PM7375-1 Datasheet
65Kb / 2P
ATM SAR and PHY Processor for PCI Bus
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com