Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD98405 Datasheet(PDF) 1 Page - NEC

Part # UPD98405
Description  155M ATM INTEGRATED SAR CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD98405 Datasheet(HTML) 1 Page - NEC

  UPD98405 Datasheet HTML 1Page - NEC UPD98405 Datasheet HTML 2Page - NEC UPD98405 Datasheet HTML 3Page - NEC UPD98405 Datasheet HTML 4Page - NEC UPD98405 Datasheet HTML 5Page - NEC UPD98405 Datasheet HTML 6Page - NEC UPD98405 Datasheet HTML 7Page - NEC UPD98405 Datasheet HTML 8Page - NEC UPD98405 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
MOS INTEGRATED CIRCUIT
µµµµPD98405
155M ATM INTEGRATED SAR CONTROLLER
Document No. S12689EJ2V0DS00 (2nd edition)
Date Published April 1999 N CP(K)
Printed in Japan
DATA SHEET
1997, 1999
©
The mark
shows major revised points.
DESCRIPTION
The
µPD98405 (NEASCOT-S20TM) is a high-performance SAR chip that performs segmentation and reassembly of
ATM cells. It has a PCI bus interface, a SONET/SDH 155-Mbps framer, and a clock recovery circuit and supports an
ABR function in hardware.
The
µPD98405 conforms to ATM Forum and has the functions of the AAL-5 SAR
sublayer, ATM layer, and TC sublayer.
FEATURES
•
Conforms to ATM Forum.
•
Host bus interface supporting PCI bus/generic bus.
-
PCI interface (5/3.3 V, 32/64 bits, 33 MHz): Conforms to PCI Specification 2.1
-
Generic bus interface (5/3.3 V, 32 bits, 33 MHz)
•
AAL-5 SAR sublayer, ATM layer, and TC sublayer functions
•
Hardware support of AAL-5 processing
•
Software support of non-AAL-5 traffic
•
SONET STS-3c/SDH STM-1 155-Mbps framer function
•
Clock recovery/clock synthesizer function
•
Supports up to 32 K virtual channels (VCs)
•
Sixteen traffic shapers for VBR for transmission scheduling
•
Hardware support of CBR/VBR/ABR/UBR service
•
Supports multi-cell burst transfer for transmission and reception
•
MIB counter function
•
Supports LAN emulation function
•
Receive FIFO of 96 cells
•
External PHY devices connectable: UTOPIA Level-1 interface
•
0.35-
µm CMOS process, +5-/3.3-V power supply
-
Bus interface +5 V: +5-/3.3-V power supply
-
Bus interface +3.3 V: +3.3-V power supply
•
304-pin plastic QFP
ORDERING INFORMATION
Part Number
Package
µPD98405GL-PMU
304-pin plastic QFP (0.5-mm fine pitch) (40
× 40 mm)


Similar Part No. - UPD98405

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD98405 RENESAS-UPD98405 Datasheet
587Kb / 68P
MOS INTEGRATED CIRCUIT
1999
UPD98405GL-PMU RENESAS-UPD98405GL-PMU Datasheet
587Kb / 68P
MOS INTEGRATED CIRCUIT
1999
UPD98405S1-6C RENESAS-UPD98405S1-6C Datasheet
587Kb / 68P
MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD98405

ManufacturerPart #DatasheetDescription
logo
NEC
UPD98401A NEC-UPD98401A Datasheet
216Kb / 36P
ATM SAR CHIP
UPD98409 NEC-UPD98409 Datasheet
402Kb / 36P
ATM LIGHT SAR CONTROLLER
logo
PMC-Sierra, Inc
PM7375 PMC-PM7375 Datasheet
1Mb / 430P
LOCAL ATM SAR & PHYSICAL LAYER
logo
Mitel Networks Corporat...
MT90500 MITEL-MT90500 Datasheet
514Kb / 159P
Multi-Channel ATM AAL1 SAR
logo
Infineon Technologies A...
PXF4225E INFINEON-PXF4225E Datasheet
638Kb / 2P
ATM Interworking Controller
2003
logo
Motorola, Inc
MPC860SAR MOTOROLA-MPC860SAR Datasheet
45Kb / 16P
ATM communication controller
logo
Integrated Device Techn...
IDT77252 IDT-IDT77252 Datasheet
134Kb / 17P
155 Mbps ATM SAR Controller With ABR Support for PCI-based Networking Applications
logo
M/A-COM Technology Solu...
28236-BRF-001-A MA-COM-28236-BRF-001-A Datasheet
515Kb / 4P
OC-3 ATM SAR Controller with UTOPIA Level 2
28236-BRF-001-A MA-COM-28236-BRF-001-A_15 Datasheet
515Kb / 4P
OC-3 ATM SAR Controller with UTOPIA Level 2
logo
PMC-Sierra, Inc
PM7375-1 PMC-PM7375-1 Datasheet
65Kb / 2P
ATM SAR and PHY Processor for PCI Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com