Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD98405 Datasheet(PDF) 21 Page - NEC

Part # UPD98405
Description  155M ATM INTEGRATED SAR CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD98405 Datasheet(HTML) 21 Page - NEC

Back Button UPD98405 Datasheet HTML 17Page - NEC UPD98405 Datasheet HTML 18Page - NEC UPD98405 Datasheet HTML 19Page - NEC UPD98405 Datasheet HTML 20Page - NEC UPD98405 Datasheet HTML 21Page - NEC UPD98405 Datasheet HTML 22Page - NEC UPD98405 Datasheet HTML 23Page - NEC UPD98405 Datasheet HTML 24Page - NEC UPD98405 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
Data Sheet S12689EJ2V0DS00
21
µµµµPD98405
1.5 JTAG Boundary Scan Signals
Remark This function can be supported upon request.
These signals conform to IEEE1149.1 JTAG Boundary-Scan Standard.
Pin Name
Pin No.
I/O
I/O Level
Function
JDI
285
I
TTL
Boundary scan data input.
Connect this pin to ground when it is not used.
JDO
284
O
3-state
TTL
Boundary scan data output.
Open this pin when it is not used.
JMS
283
I
TTL
Boundary scan mode select.
Connect this pin to ground when it is not used.
JCK
282
I
TTL
Boundary scan clock input.
Connect this pin to ground when it is not used.
JRST_B
281
I
TTL
Boundary scan reset.
Connect this pin to ground when it is not used.
1.6 Other Signals
Pin Name
Pin No.
I/O
I/O Level
Function
SCLK
198
I
TTL
SAR system clock.
This pin supplies a clock for a SAR block operation.
The maximum clock frequency is 25 MHz.
PCI_MODE
118
I
TTL
PCI/generic bus mode.
This pin selects PCI or generic bus mode.
0: Generic bus mode
1: PCI bus mode
TEST
271
I
TTL
Internal test pin.
Open this pin. When a high level is input to this pin, the test
mode is selected.
This signal is internally pulled down.
The test mode is used for internal testing and cannot be used by
the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com